| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DA16200 bảng dữ liệu(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DA16200 bảng dữ liệu(HTML) 35 Page - Renesas Technology Corp |
|
35 / 154 page ![]() DA16200 Ultra Low Power Wi-Fi SoC Datasheet Revision 3.6 04-Jan-2023 CFR0011-120-00 35 of 153 © 2023 Renesas Electronics AHB-CPU AHB Slave OTP IF OTP Controller OTP Memory Figure 13: OTP Block Diagram This memory is used to store and protect important information essential for mass production and the management of end products, such as boot information, MAC addresses, and serial numbers. The OTP is also used for storing secret information which is used by the advanced security functions like secure boot, secure debug, and secure asset storage. This secret information is programmed during a secure manufacturing process and then locked so that it cannot be accessed directly by CPU read or write operations thus protecting it from external access. |