| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM69AX bảng dữ liệu(PDF) 106 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX bảng dữ liệu(HTML) 106 Page - Texas Instruments |
|
106 / 299 page ![]() 6.3.13 ECAP 6.3.13.1 MAIN Domain Table 6-70. ECAP0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] ECAP0_IN_APWM_OUT IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput AB34, AD36 Table 6-71. ECAP1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] ECAP1_IN_APWM_OUT IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput AA33, AR38 Table 6-72. ECAP2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] ECAP2_IN_APWM_OUT IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput AN37 6.3.14 EQEP 6.3.14.1 MAIN Domain Table 6-73. EQEP0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] EQEP0_A I EQEP Quadrature Input A AF34 EQEP0_B I EQEP Quadrature Input B AE34 EQEP0_I IO EQEP Index AD33 EQEP0_S IO EQEP Strobe AC34 Table 6-74. EQEP1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] EQEP1_A I EQEP Quadrature Input A AL33 EQEP1_B I EQEP Quadrature Input B AL34 EQEP1_I IO EQEP Index AK37 EQEP1_S IO EQEP Strobe AD38 Table 6-75. EQEP2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] EQEP2_A I EQEP Quadrature Input A AK33 EQEP2_B I EQEP Quadrature Input B AC37 EQEP2_I IO EQEP Index AC36 EQEP2_S IO EQEP Strobe AD37 6.3.15 EPWM 6.3.15.1 MAIN Domain Table 6-76. EPWM Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] EHRPWM_SOCA O EHRPWM Start of Conversion A AE37 EHRPWM_SOCB O EHRPWM Start of Conversion B AD34 EHRPWM_TZn_IN0 I EHRPWM Trip Zone Input 0 (active low) AJ38 EHRPWM_TZn_IN1 I EHRPWM Trip Zone Input 1 (active low) AC32 AM69A SPRSP92 – FEBRUARY 2023 www.ti.com 106 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM69A |