| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM69AX bảng dữ liệu(PDF) 74 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX bảng dữ liệu(HTML) 74 Page - Texas Instruments |
|
74 / 299 page ![]() Table 6-1. Pin Attributes (ALY Package) (continued) Ball Num [1] Ball Name [2] PADCFG Register [15] PADCFG Address [16] Signal Name [3] Mux Mode [4] Signal Type [5] I/O Voltage [6] Ball State DURING Reset (RX/TX/PULL) [7] Ball State AFTER Reset (RX/TX/PULL) [8] Mux Mode AFTER Reset [9] Pull Type [10] Power [11] Hys [12] Voltage Buffer Type [13] IO RET [14] P31, R30, R31 VDDSHV5 VDDSHV5 PWR A31, AK1, B1, H11, H13, H15, H17, H19, H9, J10, J12, J14, J16, J18, J8, K11, K13, K15, K17, K19, K9, L10, L12, L14, L16, L18, M9, N10, N8, P9, R10, R8, T9, U10, U8 VDDS_DDR VDDS_DDR PWR T10 VDDS_DDR_C0 VDDS_DDR_C0 PWR L15 VDDS_DDR_C1 VDDS_DDR_C1 PWR M10 VDDS_DDR_C2 VDDS_DDR_C2 PWR L17 VDDS_DDR_C3 VDDS_DDR_C3 PWR AF9, AG10, AG8, AH9 VDDS_MMC0 VDDS_MMC0 PWR AM69A SPRSP92 – FEBRUARY 2023 www.ti.com 74 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM69A |