| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM69AX bảng dữ liệu(PDF) 94 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX bảng dữ liệu(HTML) 94 Page - Texas Instruments |
|
94 / 299 page ![]() Table 6-10. WKUP_GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] WKUP_GPIO0_18 IO General Purpose Input/Output C34 WKUP_GPIO0_19 IO General Purpose Input/Output B33 WKUP_GPIO0_20 IO General Purpose Input/Output B32 WKUP_GPIO0_21 IO General Purpose Input/Output C33 WKUP_GPIO0_22 IO General Purpose Input/Output C35 WKUP_GPIO0_23 IO General Purpose Input/Output D33 WKUP_GPIO0_24 IO General Purpose Input/Output D34 WKUP_GPIO0_25 IO General Purpose Input/Output E34 WKUP_GPIO0_26 IO General Purpose Input/Output E33 WKUP_GPIO0_27 IO General Purpose Input/Output A32 WKUP_GPIO0_28 IO General Purpose Input/Output A33 WKUP_GPIO0_29 IO General Purpose Input/Output B34 WKUP_GPIO0_30 IO General Purpose Input/Output C32 WKUP_GPIO0_31 IO General Purpose Input/Output F32 WKUP_GPIO0_32 IO General Purpose Input/Output C31 WKUP_GPIO0_33 IO General Purpose Input/Output F31 WKUP_GPIO0_34 IO General Purpose Input/Output E35 WKUP_GPIO0_35 IO General Purpose Input/Output D31 WKUP_GPIO0_36 IO General Purpose Input/Output G31 WKUP_GPIO0_37 IO General Purpose Input/Output F33 WKUP_GPIO0_38 IO General Purpose Input/Output G32 WKUP_GPIO0_39 IO General Purpose Input/Output G33 WKUP_GPIO0_40 IO General Purpose Input/Output C38 WKUP_GPIO0_41 IO General Purpose Input/Output C37 WKUP_GPIO0_42 IO General Purpose Input/Output E38 WKUP_GPIO0_43 IO General Purpose Input/Output E37 WKUP_GPIO0_44 IO General Purpose Input/Output D38 WKUP_GPIO0_45 IO General Purpose Input/Output D37 WKUP_GPIO0_46 IO General Purpose Input/Output E36 WKUP_GPIO0_47 IO General Purpose Input/Output B37 WKUP_GPIO0_48 IO General Purpose Input/Output D36 WKUP_GPIO0_49 IO General Purpose Input/Output M33 WKUP_GPIO0_50 IO General Purpose Input/Output B36 WKUP_GPIO0_51 IO General Purpose Input/Output A35 WKUP_GPIO0_52 IO General Purpose Input/Output B35 WKUP_GPIO0_53 IO General Purpose Input/Output A36 WKUP_GPIO0_54 IO General Purpose Input/Output G38 WKUP_GPIO0_55 IO General Purpose Input/Output H36 WKUP_GPIO0_56 IO General Purpose Input/Output M37 WKUP_GPIO0_57 IO General Purpose Input/Output M36 WKUP_GPIO0_58 IO General Purpose Input/Output K35 WKUP_GPIO0_59 IO General Purpose Input/Output K34 WKUP_GPIO0_60 IO General Purpose Input/Output K33 WKUP_GPIO0_61 IO General Purpose Input/Output F38 WKUP_GPIO0_62 IO General Purpose Input/Output C36 AM69A SPRSP92 – FEBRUARY 2023 www.ti.com 94 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM69A |