công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM69AX bảng dữ liệu(PDF) 92 Page - Texas Instruments

tên linh kiện AM69AX
Giải thích chi tiết về linh kiện  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM69AX bảng dữ liệu(HTML) 92 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 88Page - Texas Instruments AM69AX Datasheet HTML 89Page - Texas Instruments AM69AX Datasheet HTML 90Page - Texas Instruments AM69AX Datasheet HTML 91Page - Texas Instruments AM69AX Datasheet HTML 92Page - Texas Instruments AM69AX Datasheet HTML 93Page - Texas Instruments AM69AX Datasheet HTML 94Page - Texas Instruments AM69AX Datasheet HTML 95Page - Texas Instruments AM69AX Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 299 page
background image
6.3.3 GPIO
6.3.3.1 MAIN Domain
Table 6-9. GPIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
GPIO0_0
IO
General Purpose Input/Output
AN35
GPIO0_1
IO
General Purpose Input/Output
AG36
GPIO0_2
IO
General Purpose Input/Output
AJ33
GPIO0_3
IO
General Purpose Input/Output
AF33
GPIO0_4
IO
General Purpose Input/Output
AH33
GPIO0_5
IO
General Purpose Input/Output
AG33
GPIO0_6
IO
General Purpose Input/Output
AK36
GPIO0_7
IO
General Purpose Input/Output
AG34
GPIO0_8
IO
General Purpose Input/Output
AJ35
GPIO0_9
IO
General Purpose Input/Output
AH34
GPIO0_10
IO
General Purpose Input/Output
AE33
GPIO0_11
IO
General Purpose Input/Output
AL32
GPIO0_12
IO
General Purpose Input/Output
AK37
GPIO0_13
IO
General Purpose Input/Output
AJ34
GPIO0_14
IO
General Purpose Input/Output
AK35
GPIO0_15
IO
General Purpose Input/Output
AK38
GPIO0_16
IO
General Purpose Input/Output
AF37
GPIO0_17
IO
General Purpose Input/Output
AG37
GPIO0_18
IO
General Purpose Input/Output
AK33
GPIO0_19
IO
General Purpose Input/Output
AC32
GPIO0_20
IO
General Purpose Input/Output
AC37
GPIO0_21
IO
General Purpose Input/Output
AD37
GPIO0_22
IO
General Purpose Input/Output
AE37
GPIO0_23
IO
General Purpose Input/Output
AC36
GPIO0_24
IO
General Purpose Input/Output
AE36
GPIO0_25
IO
General Purpose Input/Output
AF38
GPIO0_26
IO
General Purpose Input/Output
AE38
GPIO0_27
IO
General Purpose Input/Output
AJ37
GPIO0_28
IO
General Purpose Input/Output
AH38
GPIO0_29
IO
General Purpose Input/Output
AC33
GPIO0_30
IO
General Purpose Input/Output
AH37
GPIO0_31
IO
General Purpose Input/Output
AJ38
GPIO0_32
IO
General Purpose Input/Output
AK34
GPIO0_33
IO
General Purpose Input/Output
AG38
GPIO0_34
IO
General Purpose Input/Output
AF36
GPIO0_35
IO
General Purpose Input/Output
AE35
GPIO0_36
IO
General Purpose Input/Output
AC35
GPIO0_37
IO
General Purpose Input/Output
AG35
GPIO0_38
IO
General Purpose Input/Output
AH36
GPIO0_39
IO
General Purpose Input/Output
AF35
GPIO0_40
IO
General Purpose Input/Output
AD34
GPIO0_41
IO
General Purpose Input/Output
AJ36
GPIO0_42
IO
General Purpose Input/Output
AF34
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
92
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More