| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM69AX bảng dữ liệu(PDF) 93 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX bảng dữ liệu(HTML) 93 Page - Texas Instruments |
|
93 / 299 page ![]() Table 6-9. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] GPIO0_43 IO General Purpose Input/Output AE34 GPIO0_44 IO General Purpose Input/Output AL33 GPIO0_45 IO General Purpose Input/Output AL34 GPIO0_46 IO General Purpose Input/Output AC34 GPIO0_47 IO General Purpose Input/Output AD33 GPIO0_48 IO General Purpose Input/Output AD38 GPIO0_49 IO General Purpose Input/Output AD36 GPIO0_50 IO General Purpose Input/Output AJ32 GPIO0_51 IO General Purpose Input/Output AM37 GPIO0_52 IO General Purpose Input/Output AP38 GPIO0_53 IO General Purpose Input/Output AN38 GPIO0_54 IO General Purpose Input/Output AM35 GPIO0_55 IO General Purpose Input/Output AM36 GPIO0_56 IO General Purpose Input/Output AN36 GPIO0_57 IO General Purpose Input/Output AP37 GPIO0_58 IO General Purpose Input/Output AR38 GPIO0_59 IO General Purpose Input/Output AN37 GPIO0_60 IO General Purpose Input/Output AC38 GPIO0_61 IO General Purpose Input/Output AA32 GPIO0_62 IO General Purpose Input/Output AB34 GPIO0_63 IO General Purpose Input/Output AA33 GPIO0_64 IO General Purpose Input/Output AB38 GPIO0_65 IO General Purpose Input/Output AB36 6.3.3.2 WKUP Domain Table 6-10. WKUP_GPIO0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] WKUP_GPIO0_0 IO General Purpose Input/Output H38 WKUP_GPIO0_1 IO General Purpose Input/Output J34 WKUP_GPIO0_2 IO General Purpose Input/Output J35 WKUP_GPIO0_3 IO General Purpose Input/Output J36 WKUP_GPIO0_4 IO General Purpose Input/Output H35 WKUP_GPIO0_5 IO General Purpose Input/Output K36 WKUP_GPIO0_6 IO General Purpose Input/Output L37 WKUP_GPIO0_7 IO General Purpose Input/Output L36 WKUP_GPIO0_8 IO General Purpose Input/Output L35 WKUP_GPIO0_9 IO General Purpose Input/Output L34 WKUP_GPIO0_10 IO General Purpose Input/Output L33 WKUP_GPIO0_11 IO General Purpose Input/Output M38 WKUP_GPIO0_12 IO General Purpose Input/Output J37 WKUP_GPIO0_13 IO General Purpose Input/Output K38 WKUP_GPIO0_14 IO General Purpose Input/Output H37 WKUP_GPIO0_15 IO General Purpose Input/Output K37 WKUP_GPIO0_16 IO General Purpose Input/Output E32 WKUP_GPIO0_17 IO General Purpose Input/Output D32 www.ti.com AM69A SPRSP92 – FEBRUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 93 Product Folder Links: AM69A |