| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM69AX bảng dữ liệu(PDF) 104 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX bảng dữ liệu(HTML) 104 Page - Texas Instruments |
|
104 / 299 page ![]() 6.3.11 CPSW2G 6.3.11.1 MAIN Domain Table 6-67. CPSW2G0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] CLKOUT IO RMII Clock Output AF34 RGMII1_RXC I RGMII Receive Clock AL33 RGMII1_RX_CTL I RGMII Receive Control AE34 RGMII1_TXC O RGMII Transmit Clock AL34 RGMII1_TX_CTL O RGMII Transmit Control AF35 RGMII1_RD0 I RGMII Receive Data 0 AC34 RGMII1_RD1 I RGMII Receive Data 1 AD34 RGMII1_RD2 I RGMII Receive Data 2 AJ36 RGMII1_RD3 I RGMII Receive Data 3 AF34 RGMII1_TD0 O RGMII Transmit Data 0 AE35 RGMII1_TD1 O RGMII Transmit Data 1 AC35 RGMII1_TD2 O RGMII Transmit Data 2 AG35 RGMII1_TD3 O RGMII Transmit Data 3 AH36 RMII1_CRS_DV I RMII Carrier Sense / Data Valid AH36 RMII1_RX_ER I RMII Receive Data Error AF35 RMII1_TX_EN O RMII Transmit Enable AE34 RMII1_RXD0 I RMII Receive Data 0 AC35 RMII1_RXD1 I RMII Receive Data 1 AG35 RMII1_TXD0 O RMII Transmit Data 0 AD34 RMII1_TXD1 O RMII Transmit Data 1 AL33 RMII_REF_CLK I RMII Reference Clock AJ36 6.3.11.2 MCU Domain Table 6-68. MCU_CPSW2G0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCU_RGMII1_RXC I RGMII Receive Clock B37 MCU_RGMII1_RX_CTL I RGMII Receive Control C37 MCU_RGMII1_TXC O RGMII Transmit Clock E36 MCU_RGMII1_TX_CTL O RGMII Transmit Control C38 MCU_RGMII1_RD0 I RGMII Receive Data 0 A35 MCU_RGMII1_RD1 I RGMII Receive Data 1 B36 MCU_RGMII1_RD2 I RGMII Receive Data 2 C36 MCU_RGMII1_RD3 I RGMII Receive Data 3 D36 MCU_RGMII1_TD0 O RGMII Transmit Data 0 D37 MCU_RGMII1_TD1 O RGMII Transmit Data 1 D38 MCU_RGMII1_TD2 O RGMII Transmit Data 2 E37 MCU_RGMII1_TD3 O RGMII Transmit Data 3 E38 MCU_RMII1_CRS_DV I RMII Carrier Sense / Data Valid C38 MCU_RMII1_REF_CLK I RMII Reference Clock B37 MCU_RMII1_RX_ER I RMII Receive Data Error C37 MCU_RMII1_TX_EN O RMII Transmit Enable E36 MCU_RMII1_RXD0 I RMII Receive Data 0 A35 MCU_RMII1_RXD1 I RMII Receive Data 1 B36 AM69A SPRSP92 – FEBRUARY 2023 www.ti.com 104 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM69A |