| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM8521 bảng dữ liệu(PDF) 36 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
SM8521 bảng dữ liệu(HTML) 36 Page - Sharp Corporation |
|
36 / 56 page ![]() SM8521 - 36 - VRAM ROM + VRAM ROM dot data = 0 : Transparent VRAM dot data ROM and VRAM ROM dot data Compound and Overwrite Mode To transfer display data, DMA provides two modes. One is compound mode that source dot data zero is not stored into the destination. Second is overwrite mode that any dot data is stored into the destination. Fig. 17 An Example of Transfer ROM to VRAM in Compound Mode |