| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM8521 bảng dữ liệu(PDF) 34 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
SM8521 bảng dữ liệu(HTML) 34 Page - Sharp Corporation |
|
34 / 56 page ![]() SM8521 - 34 - VRAM Configulation VRAM configulation is shown below. VRAM, maximum 16 k bytes (160 x 200-dot x 2- phase or 200 x 160-dot x 2-plane), can be accessed. LCD diaplays a phase specified. Address of VRAM0 and VRAM1 is A000H-BFFFH and C000H-DFFFH respectively. DMA transfers rectangle display data, in arbitrary size specified in ROM and external RAM, to VRAM. NOTE : Do not write data directly to VRAM while transferring data to LCD driver (MSB of LCC register is 1 and V-blank flag is 0). Fig. 16 VRAM Configuration dot 3 dot 2 dot 1 dot 0 0 1 0123 2 3 4 5 6 Bit 7 4-dot/byte 160/200-dot VRAM 160-dot × 200-dot × 2-plane = 16 k-byte 160/200-dot dot data = 00 color 0 01 color 1 10 color 2 11 color 3 |