công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF9160-SICA-R7 bảng dữ liệu(PDF) 372 Page - Nordic Semiconductor

tên linh kiện NRF9160-SICA-R7
Giải thích chi tiết về linh kiện  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 bảng dữ liệu(HTML) 372 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 368Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 369Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 370Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 371Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 372Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 373Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 374Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 375Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 376Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 400 page
background image
Debug and trace
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D D D D C C C C C C C C C C C C
B B B B B B B B B B B A
Reset 0x10090289
0 0 0 1 0 0 0 0 0 0 0 0 1 0 0 1 0 0 0 0 0 0 1 0 1 0 0 0 1 0 0 1
ID
R/W
Field
Value ID
Value
Description
A
R
UNUSED
Reserved, read-as-one
B
R
TDESIGNER
An 11-bit code: JEDEC JEP106 continuation code and identity code. The
ID identifies the designer of the part.
NordicSemi
0x144
Nordic Semiconductor ASA
C
R
TPARTNO
Part number
nRF91
9
nRF91 Series
D
R
TREVISION
Target revision
nRF9160
1
nRF9160
9.1.7 Electrical specification
9.1.7.1 Trace port
Symbol
Description
Min.
Typ.
Max.
Units
Tcyc
Clock period, as defined by ARM (See ARM Infocenter,
Embedded Trace Macrocell Architecture Specification, Trace
Port Physical Interface, Timing specifications)
62.5
ns
9.2 CTRL-AP - Control access port
The control access port (CTRL-AP) is a custom access port that enables control of the device when other
debug access ports (DAP) have been disabled by the access port protection.
For an overview of the other debug access ports, see DAP - Debug access port on page 370.
AHB-AP
SWJ-DP
CTRL-AP
UICR
NVMC
SWD
PINS
DAP BUS INTERCONNECT
APPROTECT
CPU
ERASEALL
MAILBOX
MCU SUBSYSTEM
SECUREAPPROTECT
Figure 114: Control access port details
Access port protection (APPROTECT) blocks the debugger access to the AHB-AP, and prevents read and
write access to all CPU registers and memory-mapped addresses. To enable port protection access for
both secure and non-secure modes, use the registers SECUREAPPROTECT on page 42 and APPROTECT on
4418_1315 v2.0
372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com