| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 326 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 326 Page - Nordic Semiconductor |
|
326 / 400 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID H G F E B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description G RW WRITE Write '1' to enable interrupt for event WRITE Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW READ Write '1' to enable interrupt for event READ Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.18.9.26 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID H G F E B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW STOPPED Write '1' to disable interrupt for event STOPPED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ERROR Write '1' to disable interrupt for event ERROR Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW RXSTARTED Write '1' to disable interrupt for event RXSTARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW TXSTARTED Write '1' to disable interrupt for event TXSTARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW WRITE Write '1' to disable interrupt for event WRITE Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW READ Write '1' to disable interrupt for event READ Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.18.9.27 ERRORSRC Address offset: 0x4D0 Error source 4418_1315 v2.0 326 |