| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 320 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 320 Page - Nordic Semiconductor |
|
320 / 400 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A W TASKS_PREPARETX Prepare the TWI slave to respond to a read command Trigger 1 Trigger task 6.18.9.6 SUBSCRIBE_STOP Address offset: 0x094 Subscribe configuration for task STOP Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that task STOP will subscribe to B RW EN Disabled 0 Disable subscription Enabled 1 Enable subscription 6.18.9.7 SUBSCRIBE_SUSPEND Address offset: 0x09C Subscribe configuration for task SUSPEND Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that task SUSPEND will subscribe to B RW EN Disabled 0 Disable subscription Enabled 1 Enable subscription 6.18.9.8 SUBSCRIBE_RESUME Address offset: 0x0A0 Subscribe configuration for task RESUME Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that task RESUME will subscribe to B RW EN Disabled 0 Disable subscription Enabled 1 Enable subscription 6.18.9.9 SUBSCRIBE_PREPARERX Address offset: 0x0B0 4418_1315 v2.0 320 |