| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 231 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 231 Page - Nordic Semiconductor |
|
231 / 400 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that task RESUME will subscribe to B RW EN Disabled 0 Disable subscription Enabled 1 Enable subscription 6.13.6.9 EVENTS_STOPPED Address offset: 0x104 SPI transaction has stopped Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW EVENTS_STOPPED SPI transaction has stopped NotGenerated 0 Event not generated Generated 1 Event generated 6.13.6.10 EVENTS_ENDRX Address offset: 0x110 End of RXD buffer reached Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW EVENTS_ENDRX End of RXD buffer reached NotGenerated 0 Event not generated Generated 1 Event generated 6.13.6.11 EVENTS_END Address offset: 0x118 End of RXD buffer and TXD buffer reached Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW EVENTS_END End of RXD buffer and TXD buffer reached NotGenerated 0 Event not generated Generated 1 Event generated 6.13.6.12 EVENTS_ENDTX Address offset: 0x120 End of TXD buffer reached 4418_1315 v2.0 231 |