công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF9160-SICA-R7 bảng dữ liệu(PDF) 225 Page - Nordic Semiconductor

tên linh kiện NRF9160-SICA-R7
Giải thích chi tiết về linh kiện  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 bảng dữ liệu(HTML) 225 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 221Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 222Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 223Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 224Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 225Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 226Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 227Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 228Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 229Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 400 page
background image
Peripherals
MISO
MOSI
RXD-1
TXD+1
EasyDMA
EasyDMA
RXD.PTR
TXD.PTR
buffer[0]
buffer[1]
buffer[RXD.MAX-1]
RAM
buffer[0]
buffer[1]
buffer[TXD.MAX-1]
Pin
PSEL.MOSI
GPIO
PSEL.MISO
PSEL.SCK
Pin
Pin
SCK
SPIM
TXD buffer
RXD buffer
Figure 72: SPIM — SPI master with EasyDMA
The SPIM does not implement support for chip select directly. Therefore, the CPU must use available
GPIOs to select the correct slave and control this independently of the SPI master. The SPIM supports SPI
modes 0 through 3. The CONFIG register allows setting CPOL and CPHA appropriately.
Mode
Clock polarity
Clock phase
CPOL
CPHA
SPI_MODE0
0 (Active High)
0 (Leading)
SPI_MODE1
0 (Active High)
1 (Trailing)
SPI_MODE2
1 (Active Low)
0 (Leading)
SPI_MODE3
1 (Active Low)
1 (Trailing)
Table 70: SPI modes
6.13.1 SPI master transaction sequence
An SPI master transaction consists of a sequence started by the START task followed by a number of
events, and finally the STOP task.
An SPI master transaction is started by triggering the START task. The ENDTX event will be generated when
the transmitter has transmitted all bytes in the TXD buffer as specified in the TXD.MAXCNT register. The
ENDRX event will be generated when the receiver has filled the RXD buffer, i.e. received the last possible
byte as specified in the RXD.MAXCNT register.
Following a START task, the SPI master will generate an END event when both ENDRX and ENDTX have
been generated.
The SPI master is stopped by triggering the STOP task. A STOPPED event is generated when the SPI master
has stopped.
If the ENDRX event has not already been generated when the SPI master has come to a stop, the SPI
master will generate the ENDRX event explicitly even though the RX buffer is not full.
4418_1315 v2.0
225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com