công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF9160-SICA-R7 bảng dữ liệu(PDF) 188 Page - Nordic Semiconductor

tên linh kiện NRF9160-SICA-R7
Giải thích chi tiết về linh kiện  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 bảng dữ liệu(HTML) 188 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 184Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 185Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 186Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 187Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 188Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 189Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 190Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 191Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 192Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 400 page
background image
Peripherals
PCLK16M
LFCLK
<<PRESC>>
<<COUNTER>>
CC[0]
COMPARE[0]
0x000
N-1
N
N+1
N+2
0
1
X
N+2
> 62.5 ns
Figure 58: Timing diagram - COMPARE_N+2
If the COUNTER value is N, writing N or N+1 to a CC register may not trigger a COMPARE event.
PCLK16M
LFCLK
<<PRESC>>
<<COUNTER>>
CC[0]
COMPARE[0]
0x000
N-2
N-1
N
N+1
0
X
N+1
>= 0 ns
Figure 59: Timing diagram - COMPARE_N+1
If the COUNTER value is N, and the current CC value is N+1 or N+2 when a new CC value is written, a
match may trigger on the previous CC value before the new value takes effect. If the current CC value is
greater than N+2 when the new value is written, there will be no event due to the old value.
PCLK16M
LFCLK
<<PRESC>>
<<COUNTER>>
CC[0]
COMPARE[0]
0x000
N-2
N-1
N
N+1
0
1
N
X
>= 0 ns
Figure 60: Timing diagram - COMPARE_N-1
6.11.8 Task and event jitter/delay
Jitter or delay in the RTC, is due to the peripheral clock being a low frequency clock (LFCLK), which is not
synchronous to the faster PCLK16M.
Registers in the peripheral interface that are part of the PCLK16M domain, have a set of mirrored registers
in the LFCLK domain. For example, the COUNTER value accessible from the CPU is in the PCLK16M domain,
and is latched on a read from an internal COUNTER register in the LFCLK domain. The COUNTER register
4418_1315 v2.0
188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More