công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF9160-SICA-R7 bảng dữ liệu(PDF) 179 Page - Nordic Semiconductor

tên linh kiện NRF9160-SICA-R7
Giải thích chi tiết về linh kiện  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 bảng dữ liệu(HTML) 179 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 175Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 176Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 177Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 178Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 179Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 180Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 181Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 182Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 183Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
H G F E D C B
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
Disabled
0
Disable
Enabled
1
Enable
C-D RW
SEQSTARTED[i] (i=0..1)
Enable or disable interrupt for event SEQSTARTED[i]
Disabled
0
Disable
Enabled
1
Enable
E-F
RW
SEQEND[i] (i=0..1)
Enable or disable interrupt for event SEQEND[i]
Disabled
0
Disable
Enabled
1
Enable
G
RW
PWMPERIODEND
Enable or disable interrupt for event PWMPERIODEND
Disabled
0
Disable
Enabled
1
Enable
H
RW
LOOPSDONE
Enable or disable interrupt for event LOOPSDONE
This event triggers after the last SEQ[1] completion of the loop, and
only if looping was enabled (LOOP > 0) when the sequence playback
was started.
Disabled
0
Disable
Enabled
1
Enable
6.10.5.19 INTENSET
Address offset: 0x304
Enable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
H G F E D C B
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
B
RW
STOPPED
Write '1' to enable interrupt for event STOPPED
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C-D RW
SEQSTARTED[i] (i=0..1)
Write '1' to enable interrupt for event SEQSTARTED[i]
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
E-F
RW
SEQEND[i] (i=0..1)
Write '1' to enable interrupt for event SEQEND[i]
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
G
RW
PWMPERIODEND
Write '1' to enable interrupt for event PWMPERIODEND
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
H
RW
LOOPSDONE
Write '1' to enable interrupt for event LOOPSDONE
This event triggers after the last SEQ[1] completion of the loop, and
only if looping was enabled (LOOP > 0) when the sequence playback
was started.
Set
1
Enable
Disabled
0
Read: Disabled
4418_1315 v2.0
179



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More