| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 147 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 147 Page - Nordic Semiconductor |
|
147 / 400 page ![]() Peripherals 6.8.5.5 INTEN Address offset: 0x300 Enable or disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW KEYSLOT_PUSHED Enable or disable interrupt for event KEYSLOT_PUSHED Disabled 0 Disable Enabled 1 Enable B RW KEYSLOT_REVOKED Enable or disable interrupt for event KEYSLOT_REVOKED Disabled 0 Disable Enabled 1 Enable C RW KEYSLOT_ERROR Enable or disable interrupt for event KEYSLOT_ERROR Disabled 0 Disable Enabled 1 Enable 6.8.5.6 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW KEYSLOT_PUSHED Write '1' to enable interrupt for event KEYSLOT_PUSHED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW KEYSLOT_REVOKED Write '1' to enable interrupt for event KEYSLOT_REVOKED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW KEYSLOT_ERROR Write '1' to enable interrupt for event KEYSLOT_ERROR Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.8.5.7 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW KEYSLOT_PUSHED Write '1' to disable interrupt for event KEYSLOT_PUSHED Clear 1 Disable 4418_1315 v2.0 147 |