công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F39-TGR-CVL-B-2-R bảng dữ liệu(PDF) 32 Page - Omron Electronics LLC

tên linh kiện F39-TGR-CVL-B-2-R
Giải thích chi tiết về linh kiện  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-2-R bảng dữ liệu(HTML) 32 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-2-R Datasheet HTML 28Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 29Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 30Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 31Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 32Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 33Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 34Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 35Page - Omron Electronics LLC F39-TGR-CVL-B-2-R Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
14
Fixed Blanking with Floating Blanking
Section 5-3
5-3
Fixed Blanking with Floating Blanking
!WARNING Use of Fixed Blanking and Floating Blanking will make MS4800 system less
sensitive to objects in the detection zone. Improper use of these features can
result in severe injury to personnel. Fixed Blanking may require a hard barrier
guard. Fixed Blanking and Floating Blanking may require an increase in the
safety distance. Read the following section carefully.
Possible combinations:
When both Fixed Blanking and Floating Blanking are selected, the floating
channels are allowed to occur anywhere within the detection zone except the
area selected by Fixed Blanking.
5-3-1
The effect of Fixed or Floating Blanking on minimum object
resolution
When fixed Blanking and/or Floating are active, the safe mounting distance is
affected. Fixed and Floating Blanking desensitize the light curtain and
increase the size of the minimum detectable object. The increase is equal to
the beam spacing distance for each beam that is disabled.
If the size of the object detected by the system increases the minimum safe
distance must also be increased. Use the minimum object sensitivity given in
the following tables to determine the new figure to use when computing the
safety distance.
MS4800 system - 14 mm resolution
MS4800 system - 30mm resolution
Function
Fixed Blanking
Floating Blanking
Fixed Blanking
N/A
Yes
Floating Blanking
Yes
N/A
Total number of Beams Disabled by
Fixed and/or Floating Blanking
Effective Resolution
None
14 mm
1 Beam
24 mm
2 Beams
34 mm
3 Beams
44 mm
4 Beams
54 mm
5 Beams
64 mm
> 64 mm
Total number of Beams Disabled by
Fixed and/or Floating Blanking
Effective Resolution
None
30 mm
1 Beam
50 mm
> 64mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98