| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F39-TGR-CVL-B-2-R bảng dữ liệu(PDF) 75 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-TGR-CVL-B-2-R bảng dữ liệu(HTML) 75 Page - Omron Electronics LLC |
|
75 / 98 page ![]() 57 List of models Section 15-8 15-8 List of models Basic version, 14 mm resolution, Standalone units without Flex connection Type Name Version Resolution [mm] Length [mm] Operation MS4800S-EB-014-0280 Basic 14 mm 280 Standalone MS4800S-EB-014-0320 Basic 14 mm 320 Standalone MS4800S-EB-014-0360 Basic 14 mm 360 Standalone MS4800S-EB-014-0400 Basic 14 mm 400 Standalone MS4800S-EB-014-0440 Basic 14 mm 440 Standalone MS4800S-EB-014-0480 Basic 14 mm 480 Standalone MS4800S-EB-014-0520 Basic 14 mm 520 Standalone MS4800S-EB-014-0560 Basic 14 mm 560 Standalone MS4800S-EB-014-0600 Basic 14 mm 600 Standalone MS4800S-EB-014-0640 Basic 14 mm 640 Standalone MS4800S-EB-014-0680 Basic 14 mm 680 Standalone MS4800S-EB-014-0720 Basic 14 mm 720 Standalone MS4800S-EB-014-0760 Basic 14 mm 760 Standalone MS4800S-EB-014-0800 Basic 14 mm 800 Standalone MS4800S-EB-014-0840 Basic 14 mm 840 Standalone MS4800S-EB-014-0880 Basic 14 mm 880 Standalone MS4800S-EB-014-0920 Basic 14 mm 920 Standalone MS4800S-EB-014-0960 Basic 14 mm 960 Standalone MS4800S-EB-014-1000 Basic 14 mm 1000 Standalone MS4800S-EB-014-1040 Basic 14 mm 1040 Standalone MS4800S-EB-014-1080 Basic 14 mm 1080 Standalone MS4800S-EB-014-1120 Basic 14 mm 1120 Standalone MS4800S-EB-014-1160 Basic 14 mm 1160 Standalone MS4800S-EB-014-1200 Basic 14 mm 1200 Standalone MS4800S-EB-014-1240 Basic 14 mm 1240 Standalone MS4800S-EB-014-1280 Basic 14 mm 1280 Standalone MS4800S-EB-014-1320 Basic 14 mm 1320 Standalone MS4800S-EB-014-1360 Basic 14 mm 1360 Standalone MS4800S-EB-014-1400 Basic 14 mm 1400 Standalone MS4800S-EB-014-1440 Basic 14 mm 1440 Standalone MS4800S-EB-014-1480 Basic 14 mm 1480 Standalone MS4800S-EB-014-1520 Basic 14 mm 1520 Standalone MS4800S-EB-014-1560 Basic 14 mm 1560 Standalone MS4800S-EB-014-1600 Basic 14 mm 1600 Standalone MS4800S-EB-014-1640 Basic 14 mm 1640 Standalone MS4800S-EB-014-1680 Basic 14 mm 1680 Standalone MS4800S-EB-014-1720 Basic 14 mm 1720 Standalone MS4800S-EB-014-1760 Basic 14 mm 1760 Standalone MS4800S-EB-014-1800 Basic 14 mm 1800 Standalone |