| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH79F166AP/044PR bảng dữ liệu(PDF) 30 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F166AP/044PR bảng dữ liệu(HTML) 30 Page - SINOWEALTH Electronic Ltd |
|
30 / 113 page ![]() SH79F166A 30 7.5.5 Oscillator Type (1) OP_OSC = 0000, 0011: internal RC, XTAL and XTALX are shared with IO XTALX1 XTALX2 XTAL1 XTAL2 (2) OP_OSC = 1010: 32.768kHz Crystal Oscillator at XTAL, Internal RC can be enabled, XTALX shared with I/O XTALX1 XTALX2 XTAL1 XTAL2 C1 C2 32.768kHz (3) OP_OSC = 1101: 32.768kHz Crystal Oscillator at XTAL, 2M - 12M Crystal/Ceramic Oscillator at XTALX* XTALX1 XTALX2 XTAL1 XTAL2 C1 C2 32.768kHz C1 C2 Crystal/ Ceramic (4) OP_OSC = 1110: 2M - 12M Crystal/Ceramic oscillator at XTAL*, XTALX shared with I/O XTALX1 XTALX2 XTAL1 XTAL2 C1 C2 Crystal/ Ceramic (5) OP_OSC = 0110: 128kHz internal RC, 2M - 12M Crystal/Ceramic resonator at XTAL*, XTALX shared with I/O XTALX1 XTALX2 XTAL1 XTAL2 C1 C2 Crystal/ Ceramic *: If the environment humidity is bigger, use the high frequency oscillator, advice plus 510k feedback resistance. |