| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH79F166AP/044PR bảng dữ liệu(PDF) 23 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F166AP/044PR bảng dữ liệu(HTML) 23 Page - SINOWEALTH Electronic Ltd |
|
23 / 113 page ![]() SH79F166A 23 In ICP mode,all the flash operations are completed by the programmer through 6-wire interface. Since the program timing is very sensitive, five jumpers are needed (VDD, TDO, TDI, TCK, TMS) to separate the program pins from the application circuit as the following diagram. MCU TCK TDI TDO GND To Application Circuit Jumper Flash Programmer VDD TMS The recommended steps are as following: (1) The jumpers must be open to separate the programming pins from the application circuit before programming. (2) Connect the programming interface with programmer and begin programming. (3) Disconnect programmer and short these jumpers after programming is complete. |