công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 124 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 124 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 119Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 120Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 121Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 122Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 123Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 124Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 125Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 126Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 127Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 124 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 124 of 127
May 31, 2016
RX111 Group
REVISION HISTORY
Classifications
- Items with Technical Update document number: Changes according to the corresponding issued Technical Update
- Items without Technical Update document number: Minor changes that do not require Technical Update to be issued
Rev.
Date
Description
Classification
Page
Summary
1.30
May 31, 2016
1. Overview
18 to 26
Table 1.5 to 1.9 Note 2 regarding I/O power source is AVCC0 for the ports
(P4, PJ6, and PJ7), added
5. Electrical Characteristics
49
Table 5.1 Absolute Maximum Ratings, Analog power supply voltage added
49
Table 5.2 Recommended Operating Conditions, VREFH0 / VREFL0 added
58
Figure 5.4 Voltage Dependency in High-Speed Operating Mode (Reference
Data) added
59
Figure 5.5 Voltage Dependency in Middle-Speed Operating Mode
(Reference Data) added
59
Figure 5.6 Voltage Dependency in Low-Speed Operating Mode (Reference
Data) added
60
Table 5.9 DC Characteristics (7), Increment for IWDT operation added
62
Table 5.10 DC Characteristics (8), Increment for IWDT operation added
62
Figure 5.9 Voltage Dependency in Software Standby Mode (Reference Data)
added
63
Figure 5.10 Temperature Dependency in Software Standby Mode
(Reference Data) added
63
Table 5.11 DC Characteristics (9) added
TN-RX*-A134A/E
64
Table 5.12 DC Characteristics (10), LDV1, 2 added
66, 67
Table 5.18 Permissible Output Currents is divided into D version and G
version
TN-RX*-A134A/E
110
Table 5.49 ROM (Flash Memory for Code Storage) Characteristics (2),
Erasure time - 256-Kbyte added
TN-RX*-A132A/E
111
Table 5.50 ROM (Flash Memory for Code Storage) Characteristics (3),
Temperature range for the programming/erasure operation changed
and Erasure time - 256-Kbyte added
TN-RX*-A132A/E
112
Table 5.52 E2 DataFlash Characteristics (2), Low speed FCLK changed
and Erasure time - 8-Kbyte added
TN-RX*-A132A/E
112
Table 5.53 E2 DataFlash Characteristics (3),
Temperature range for the programming/erasure operation changed,
Low speed FCLK changed
and Erasure time - 8-Kbyte added
TN-RX*-A132A/E
113, 114
5.12 Usage Notes added
All trademarks and registered trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com