công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 123 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 123 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 119Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 120Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 121Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 122Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 123Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 124Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 125Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 126Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 127Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 123 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 123 of 127
May 31, 2016
RX111 Group
REVISION HISTORY
1.20
Sep 29, 2014
85
Figure 5.41 RSPI Clock Timing and Simple SPI Clock Timing, Figure 5.42 RSPI Timing (Master,
CPHA = 0) (Bit Rate: PCLKB Set to Division Ratio Other Than Divided by 2) and Simple SPI Timing
(Master, CKPH = 1) changed
86
Figure 5.43 RSPI Timing (Master, CPHA = 0) (Bit Rate: PCLKB Set to Divided by 2) added,
Figure 5.44 RSPI Timing (Master, CPHA = 1) (Bit Rate: PCLKB Set to Division Ratio Other Than
Divided by 2) and Simple SPI Timing (Master, CKPH = 0) changed
87
Figure 5.45 RSPI Timing (Master, CPHA = 1) (Bit Rate: PCLKB Set to Divided by 2) added,
Figure 5.46 RSPI Timing (Slave, CPHA = 0) and Simple SPI Timing (Slave, CKPH = 1) changed
88
Figure 5.47 RSPI Timing (Slave, CPHA = 1) and Simple SPI Timing (Slave, CKPH = 0) changed
89
Table 5.37 USB Characteristics (USB0_DP and USB0_DM Pin Characteristics) and Figure 5.49
USB0_DP and USB0_DM Output Timing, changed
90
Figure 5.50 Test Circuit, changed
91
Table 5.38 A/D Conversion Characteristics (1), Figure 5.51 AVCC0 to AVREFH0 Voltage Range,
changed
92
Table 5.39 A/D Conversion Characteristics (2), Table 5.40 A/D Conversion Characteristics (3)
changed
101
Table 5.49 ROM (Flash Memory for Code Storage) Characteristics (2) and Table 5.50 ROM (Flash
Memory for Code Storage) Characteristics (3), changed
102
Table 5.52 E2 DataFlash Characteristics (2), Table 5.53 E2 DataFlash Characteristics (3) changed
1.21
Dec 09, 2014
1. Overview
2 to 4
Table 1.1 Outline of Specifications Unique ID, changed
5. Electrical Characteristics
51
Table 5.3 DC Characteristics (1) and Table 5.4 DC Characteristics (2), changed
61
Table 5.19 Output Voltage (1) and Table 5.20 Output Voltage (2), changed
102
Table 5.52 E2 DataFlash Characteristics (2): high-speed operating mode and Table 5.53 E2
DataFlash Characteristics (3): middle-speed operating mode, changed
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com