| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R7FA6T2AB3CFP bảng dữ liệu(PDF) 88 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7FA6T2AB3CFP bảng dữ liệu(HTML) 88 Page - Renesas Technology Corp |
|
88 / 93 page ![]() Table 3.2 Access cycles (3 of 3) Peripherals Address Number of access cycles ICLK = FCLK ICLK > FCLK*1 Cycle Unit Related function From To Read Write Read Write FLAD, FACI 0x407F_C000 0x407F_EFFF 5 4 2 to 5 2 to 4 FCLK Data Flash, Flash Application Command Interface Note 1. If the number of PCLK or FCLK cycles is non-integer (for example 1.5), the minimum value is without the decimal point, and the maximum value is rounded up to the decimal point. For example, 1.5 to 2. 5 is 1 to 3. RA6T2 Datasheet Appendix 3. I/O Registers R01DS0400EJ0120 Rev.1.20 Mar 31, 2022 Page 88 of 93 |