công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F303X6 bảng dữ liệu(PDF) 88 Page - STMicroelectronics

tên linh kiện STM32F303X6
Giải thích chi tiết về linh kiện  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 bảng dữ liệu(HTML) 88 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 84Page - STMicroelectronics STM32F303X6 Datasheet HTML 85Page - STMicroelectronics STM32F303X6 Datasheet HTML 86Page - STMicroelectronics STM32F303X6 Datasheet HTML 87Page - STMicroelectronics STM32F303X6 Datasheet HTML 88Page - STMicroelectronics STM32F303X6 Datasheet HTML 89Page - STMicroelectronics STM32F303X6 Datasheet HTML 90Page - STMicroelectronics STM32F303X6 Datasheet HTML 91Page - STMicroelectronics STM32F303X6 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 124 page
background image
Electrical characteristics
STM32F303x6/x8
88/124
DS9866 Rev 8
Figure 28. SPI timing diagram - master mode(1)
1. Measurement points are done at 0.5VDD and with external CL = 30 pF.
CAN (controller area network) interface
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (CAN_TX and CAN_RX).
6.3.18
ADC characteristics
Unless otherwise specified, the parameters showed from Table 60 to Table 63 are
guaranteed by design, with the conditions summarized in Table 19.
ai14136c
CPHA= 0
MOSI
OUTPUT
MISO
INP UT
CPHA= 0
LSB OUT
LSB IN
CPOL=0
CPOL=1
B I T1 OUT
NSS input
tc(SCK)
tw(SCKH)
tw(SCKL)
tr(SCK)
tf(SCK)
th(MI)
High
CPHA=1
CPHA=1
CPOL=0
CPOL=1
tsu(MI)
tv(MO)
th(MO)
MSB IN
BIT6 IN
MSB OUT
Table 60. ADC characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDDA
Analog supply voltage for
ADC
-2
-
3.6
V
IDDA
ADC current consumption
(Figure 29)
Single ended mode,
5 MSPS
-
1011.3
1172.0
µA
Single ended mode,
1 MSPS
-
214.7
322.3
Single ended mode,
200 KSPS
-54.7
81.1
Differential mode, 5 MSPS
-
1061.5
1243.6
Differential mode, 1 MSPS
-
246.6
337.6
Differential mode,
200 KSPS
-56.4
83.0
VREF-
Negative reference
voltage
--
0
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com