công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F303X6 bảng dữ liệu(PDF) 55 Page - STMicroelectronics

tên linh kiện STM32F303X6
Giải thích chi tiết về linh kiện  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 bảng dữ liệu(HTML) 55 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 51Page - STMicroelectronics STM32F303X6 Datasheet HTML 52Page - STMicroelectronics STM32F303X6 Datasheet HTML 53Page - STMicroelectronics STM32F303X6 Datasheet HTML 54Page - STMicroelectronics STM32F303X6 Datasheet HTML 55Page - STMicroelectronics STM32F303X6 Datasheet HTML 56Page - STMicroelectronics STM32F303X6 Datasheet HTML 57Page - STMicroelectronics STM32F303X6 Datasheet HTML 58Page - STMicroelectronics STM32F303X6 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 124 page
background image
DS9866 Rev 8
55/124
STM32F303x6/x8
Electrical characteristics
102
Table 25. Typical and maximum current consumption from VDD supply at VDD = 3.6V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ.
Max. @ TA(1)
Typ.
Max. @ TA(1)
25 °C 85 °C 105 °C
25 °C 85 °C 105 °C
IDD
Supply
current in
Run mode,
executing
from Flash
External
clock (HSE
bypass)
72 MHz 71.4
77.9
79.1
80.0
27.1
32.2
32.4
32.4
mA
64 MHz 63.9
70.6
71.3
71.5
24.2
27.0
27.5
27.7
48 MHz 49.5
56.6
57.1
57.7
18.7
21.4
21.6
21.9
32 MHz 34.0
38.6
38.9
39.2
12.9
14.6
14.9
15.9
24 MHz 25.9
30.2
30.4
30.6
10.0
11.1
11.2
12.3
8 MHz
9.3
14.1
14.3
14.4
3.3
4.0
4.4
5.1
1 MHz
3.5
8.9
9.1
9.5
0.7
0.9
1.0
1.2
Internal
clock (HSI)
64 MHz 61.6
68.1
68.8
70.1
24.1
27.0
27.1
27.2
48 MHz 48.1
54.6
54.8
55.1
18.6
21.6
21.7
21.9
32 MHz 33.3
37.8
37.9
38.0
12.7
14.4
14.9
16.0
24 MHz 25.7
29.8
29.8
30.0
10.0
11.1
11.2
12.3
8 MHz
9.7
12.2
12.3
12.8
3.4
3.8
4.2
5.0
Supply
current in
Run mode,
executing
from RAM
External
clock (HSE
bypass)
72 MHz 71.3
77.8
78.7
78.9
27.6
32.1
32.2
32.3
64 MHz 63.8
70.5
70.7
70.9
24.5
27.2
27.6
27.7
48 MHz 49.3
56.5
56.9
57.4
18.1
21.6
21.8
21.8
32 MHz 33.9
37.7
37.9
38.0
12.9
14.9
14.9
15.9
24 MHz 25.8
28.8
29.0
29.2
9.8
11.1
11.3
11.5
8 MHz
9.0
13.2
13.3
13.8
3.2
3.6
4.0
4.6
1 MHz
3.2
7.6
7.8
8.0
0.3
0.4
0.8
1.2
Internal
clock (HSI)
64 MHz 61.3
66.9
67.3
67.8
24.1
26.9
27.0
27.1
48 MHz 48.0
52.4
52.6
53.1
19.1
21.6
21.6
22.1
32 MHz 33.1
35.6
35.8
36.6
12.6
14.8
14.9
15.9
24 MHz 25.6
28.5
28.7
28.8
9.8
11.1
11.3
11.5
8 MHz
9.7
11.6
11.6
11.7
3.0
3.1
4.1
4.7
IDD
Supply
current in
Sleep
mode,
executing
from Flash
or RAM
External
clock (HSE
bypass)
72 MHz 55.5
58.7
61.1
61.9
7.0
7.3
8.4
8.5
mA
64 MHz 49.8
52.7
54.5
54.8
6.3
6.7
7.0
7.8
48 MHz 38.5
40.6
41.7
41.8
4.6
5.1
5.6
5.9
32 MHz 26.9
28.8
29.2
29.5
3.0
3.3
4.0
4.5
24 MHz 19.1
23.2
23.7
23.9
2.4
2.5
3.2
3.8
8 MHz
7.1
11.5
11.7
11.9
0.6
0.9
1.2
2.1
1 MHz
3.0
7.4
7.7
7.9
0.3
0.3
0.4
1.2
Internal
clock (HSI)
64 MHz 47.7
52.4
52.6
52.8
5.4
6.5
6.8
7.5
48 MHz 35.0
40.4
40.6
40.8
4.3
4.7
5.2
5.7
32 MHz 23.7
27.7
28.3
28.8
2.9
3.1
3.2
4.4
24 MHz 18.5
23.8
24.0
24.2
1.3
1.7
2.2
2.7
8 MHz
7.5
9.6
9.7
9.7
0.5
0.7
1.1
2.0
1. Data based on characterization results, not tested in production unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com