công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F303X6 bảng dữ liệu(PDF) 60 Page - STMicroelectronics

tên linh kiện STM32F303X6
Giải thích chi tiết về linh kiện  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 bảng dữ liệu(HTML) 60 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 56Page - STMicroelectronics STM32F303X6 Datasheet HTML 57Page - STMicroelectronics STM32F303X6 Datasheet HTML 58Page - STMicroelectronics STM32F303X6 Datasheet HTML 59Page - STMicroelectronics STM32F303X6 Datasheet HTML 60Page - STMicroelectronics STM32F303X6 Datasheet HTML 61Page - STMicroelectronics STM32F303X6 Datasheet HTML 62Page - STMicroelectronics STM32F303X6 Datasheet HTML 63Page - STMicroelectronics STM32F303X6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 124 page
background image
Electrical characteristics
STM32F303x6/x8
60/124
DS9866 Rev 8
Table 31. Typical current consumption in Run mode, code with data processing
running from Flash memory
Symbol
Parameter
Conditions
fHCLK
Typ.
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in
Run mode from
VDD supply
Running from HSE
crystal clock 8 MHz,
code executing from
Flash memory
72 MHz
70.6
25.2
mA
64 MHz
60.3
22.6
48 MHz
46.0
17.3
32 MHz
31.3
12.0
24 MHz
25.0
9.3
16 MHz
16.2
6.5
8 MHz
8.4
3.55
4 MHz
4.75
2.21
2 MHz
2.81
1.52
1 MHz
1.82
1.17
500 kHz
1.34
0.94
125 kHz
0.93
0.82
IDDA(1) (2)
Supply current in
Run mode from
VDDA supply
72 MHz
240.0
234.0
µA
64 MHz
209.9
208.6
48 MHz
154.5
153.5
32 MHz
104.1
103.6
24 MHz
80.2
80.0
16 MHz
56.8
56.6
8 MHz
1.14
1.14
4 MHz
1.14
1.14
2 MHz
1.14
1.14
1 MHz
1.14
1.14
500 kHz
1.14
1.14
125 kHz
1.14
1.14
1. VDDA supervisor is OFF.
2. When peripherals are enabled, the power consumption of the analog part of peripherals such as ADC, DAC, Comparators,
OpAmp and others, is not included. Refer to the tables of characteristics in the subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com