| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
38B5 bảng dữ liệu(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38B5 bảng dữ liệu(HTML) 30 Page - Renesas Technology Corp |
|
30 / 70 page ![]() MITSUBISHI MICROCOMPUTERS 38B5 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 29 PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. When the external synchronous clock is selected, input an “H” level _________ signal into the SBUSY1 input and an “L” level signal into the SBUSY1 input in the initial status in which transfer is stopped. At this time, the transfer clocks to be input in SCLK1 become invalid. During serial transfer, the transfer clocks to be input in SCLK1 be- come valid, enabling a transmit/receive operation, while an “L” level signal is input into the SBUSY1 input and an “H” level signal is input __________ into the SBUSY1 input. __________ When changing the input values in the SBUSY1 input and the SBUSY1 input at these operations, change them when the SCLK1 input is in a high state. When the high impedance of the SOUT1 output is selected by the SOUT1 pin control bit (b6), the SOUT1 output becomes active, en- abling serial transfer by inputting a transfer clock to SCLK1, while an “L” level signal is input into the SBUSY1 input and an “H” level signal __________ is input into the SBUSY1 input. 3. SBUSY1 output signal The SBUSY1 output is a signal which requests a stop of transmis- sion/reception to the serial transfer destination. In the automatic transfer serial I/O mode, regardless of the internal or external syn- chronous clock, whether the SBUSY1 output is to be active at trans- fer of each 1-byte data or during transfer of all data can be selected by the SBUSY1 output • SSTB1 output function selection bit (b4). In the initial status, the status in which the serial I/O initialization bit _________ (b4) is reset to “0,” the SBUSY1 output goes to “H” and the SBUSY1 output goes to “L.” Fig. 25 SBUSY1 Input Operation (internal synchronous clock) Fig. 26 SBUSY1 Input Operation (external synchronous clock) (4) Handshake Signal 1. SSTB1 output signal The SSTB1 output is a signal to inform an end of transmission/re- ception to the serial transfer destination . The SSTB1 output signal can be used only when the internal synchronous clock is selected. In the initial status, namely, in the status in which the serial I/O initialization bit (b4) is reset to “0,” the SSTB1 output goes to “L,” or ________ the SSTB1 output goes to “H.” At the end of transmit/receive operation, when the data of the serial I/O1 register is all output from SOUT1, pulses are output in the pe- riod of 1 cycle of the transfer clock so as to cause the SSTB1 output ________ to go “H” or the SSTB1 output to go “L.” After that, each pulse is returned to the initial status in which SSTB1 output goes to “L” or the ________ SSTB1 output goes to “H.” Furthermore, after 1 cycle, the serial transfer status flag (b5) is re- set to “0.” In the automatic transfer serial I/O mode, whether the SSTB1 output is to be active at an end of each 1-byte data or after completion of transfer of all data can be selected by the SBUSY1 output • SSTB1 output function selection bit (b4 of address 001A16) of serial I/O1 control register 2. 2. SBUSY1 input signal The SBUSY1 input is a signal which receives a request for a stop of transmission/reception from the serial transfer destination. When the internal synchronous clock is selected, input an “H” level __________ signal into the SBUSY1 input and an “L” level signal into the SBUSY1 input in the initial status in which transfer is stopped. When starting a transmit/receive operation, input an “L” level signal __________ into the SBUSY1 input and an “H” level signal into the SBUSY1 input in the period of 1.5 cycles or more of the transfer clock. Then, transfer clocks are output from the SCLK1 output. When an “H” level signal is input into the SBUSY1 input and an “L” __________ level signal into the SBUSY1 input after a transmit/receive operation is started, this transmit/receive operation are not stopped immedi- ately and the transfer clocks from the SCLK1 output is not stopped until the specified number of bits are transmitted and received. The handshake unit of the 8-bit serial I/O is 8 bits and that of the automatic transfer serial I/O is 8 bits. Fig. 24 SSTB1 Output Operation SSTB1 SCLK1 SOUT1 Serial transfer status flag SBUSY1 SCLK1 SOUT1 SBUSY1 SCLK1 SOUT1 Invalid (Output high-impedance) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |