công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

38B5 bảng dữ liệu(PDF) 66 Page - Renesas Technology Corp

tên linh kiện 38B5
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B5 bảng dữ liệu(HTML) 66 Page - Renesas Technology Corp

Back Button 38B5 Datasheet HTML 62Page - Renesas Technology Corp 38B5 Datasheet HTML 63Page - Renesas Technology Corp 38B5 Datasheet HTML 64Page - Renesas Technology Corp 38B5 Datasheet HTML 65Page - Renesas Technology Corp 38B5 Datasheet HTML 66Page - Renesas Technology Corp 38B5 Datasheet HTML 67Page - Renesas Technology Corp 38B5 Datasheet HTML 68Page - Renesas Technology Corp 38B5 Datasheet HTML 69Page - Renesas Technology Corp 38B5 Datasheet HTML 70Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
65
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Table 14 Electrical Characteristics (2) (VCC = 4.0 to 5.5V, Ta = –20 to 85°C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
Test conditions
ICC
Power source current
7.5
1
3
1
60
20
0.6
0.1
15
200
40
1
10
mA
mA
mA
mA
µA
µA
mA
µA
µA
High-speed mode
f(XIN) = 4.2 MHz
f(XCIN) = 32 kHz
Output transistors “off”
High-speed mode
f(XIN) = 4.2 MHz (in WIT state)
f(XCIN) = 32 kHz
Output transistors “off”
Middle-speed mode
f(XIN) = 4.2 MHz
f(XCIN) = stopped
Output transistors “off”
Middle-speed mode
f(XIN) = 4.2 MHz (in WIT state)
f(XCIN) = stopped
Output transistors “off”
Low-speed mode
f(XIN) = stopped
f(XCIN) = 32 kHz
Low-power dissipation mode (CM3 = 0)
Output transistors “off”
Low-speed mode
f(XIN) = stopped
f(XCIN) = 32 kHz (in WIT state)
Low-power dissipation mode (CM3 = 0)
Output transistors “off”
Increment when A-D conversion is executed
All oscillation stopped (in STP state)
Output transistors “off”
Ta = 25°C
Ta = 85°C
A-D CONVERTER CHARACTERISTICS
Table 15 A-D Converter Characteristics
(VCC = 4.0 to 5.5V, VSS = 0V, Ta = –20 to 85°C, f(XIN) = 250 kHz to 4.2 MHz in high-speed mode, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
Test conditions
TCONV
IVREF
IIA
RLADDER
Resolution
Absolute accuracy (excluding quantization error)
Conversion time
Reference input current
Analog port input current
Ladder resistor
VCC = VREF = 5.12 V
VREF = 5.0 V
61
50
±1
150
0.5
35
10
±2.5
62
200
5.0
Bits
LSB
tc(
φ)
µA
µA
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com