công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

38B5 bảng dữ liệu(PDF) 51 Page - Renesas Technology Corp

tên linh kiện 38B5
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B5 bảng dữ liệu(HTML) 51 Page - Renesas Technology Corp

Back Button 38B5 Datasheet HTML 47Page - Renesas Technology Corp 38B5 Datasheet HTML 48Page - Renesas Technology Corp 38B5 Datasheet HTML 49Page - Renesas Technology Corp 38B5 Datasheet HTML 50Page - Renesas Technology Corp 38B5 Datasheet HTML 51Page - Renesas Technology Corp 38B5 Datasheet HTML 52Page - Renesas Technology Corp 38B5 Datasheet HTML 53Page - Renesas Technology Corp 38B5 Datasheet HTML 54Page - Renesas Technology Corp 38B5 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
50
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 56 14-bit PWM Timing
Fig. 55 Structure of PWM Control Register
P87/PWM output selection bit
0: I/O port
1: PWM output
Not used (return “0” when read)
PWM control register
(PWMCON: address 002616)
b7
b0
6A
6A
6A
6A
6A
6B
6A
6A
6A
6A
6A
6A
6A
6A
6B
6B
6B
6B
6B
6B
6B
6B
6B
6B
6B
6B
6B
5
5
5
5
5
5
5
5
5
5
5
5
5
5
6A
6A
6B
6B
6B
6A
6B
6B
6B
6A
6B
6B
6B
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
6A
4
3
4
4
3
4
4
3
4
6B
6A
69
68
67
02
01
6A
69
68
67
02
01
02
01
00
FF
FE
FD
97
96
95
02
01
00
FC
FF
FE
FD
97
96
95
FC
ADD
ADD
165316
1A9316
1AA416
1AA416
1EE416
1EF516
T = 4096
µs
t = 64
µs
1316
A416
2416
3516
7B16
6A16
5916
Data 3516 stored at address 001516
t = 64
µs
τ = 0.25 µs
“H” period length specified by PWMH
1
2
B516
2
PWM register
(high-order)
PWM register
(low-order)
PWM latch
(14-bit)
Data 6A16 stored at address 001416
Data 2416 stored at address 001516
Bit 7 cleared after transfer
Transfer from register to latch
Data 7B16 stored at address 001416
Transfer from register to latch
When bit 7 of PWML is “0,” transfer
from register to latch is disabled.
PWM output
(Example 1)
Low-order 6-bits
output
H = 6A16
L = 2416
6B16............36 times
(107)
6A16............28 times
(106)
PWM output
(Example 2)
Low-order 6 bits
output
H = 6A16
L = 1816
6B16............24 times
6A16............40 times
PWM output
8-bit counter
The ADD portions with
additional
τ are determined
either “H” or “L” by low-order
6-bit data.
Minimum bit width
(64
64
µs)
!
106 ! 64 + 24
(256
0.25
µs)
256
(64
µs), fixed
τ
106 ! 64 + 36
!
………
………
………
………
………
.............



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com