công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

38B5 bảng dữ liệu(PDF) 55 Page - Renesas Technology Corp

tên linh kiện 38B5
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B5 bảng dữ liệu(HTML) 55 Page - Renesas Technology Corp

Back Button 38B5 Datasheet HTML 51Page - Renesas Technology Corp 38B5 Datasheet HTML 52Page - Renesas Technology Corp 38B5 Datasheet HTML 53Page - Renesas Technology Corp 38B5 Datasheet HTML 54Page - Renesas Technology Corp 38B5 Datasheet HTML 55Page - Renesas Technology Corp 38B5 Datasheet HTML 56Page - Renesas Technology Corp 38B5 Datasheet HTML 57Page - Renesas Technology Corp 38B5 Datasheet HTML 58Page - Renesas Technology Corp 38B5 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
54
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Buzzer Output Circuit
The 38B5 group has a buzzer output circuit. One of 1 kHz, 2 kHz and
4 kHz (at XIN = 4.19 MHz) frequencies can be selected by the buzzer
output control register (address 0EFD16). Either P43/BUZ01 or P20/
BUZ02/FLD0 can be selected as a buzzer output port by the output
port selection bits (b2 and b3 of address 0EFD16).
The buzzer output is controlled by the buzzer output ON/OFF bit
(b4).
Fig. 63 Block Diagram of Buzzer Output Circuit
Fig. 64 Structure of Buzzer Output Control Register
f(XIN)
1/1024
1/2048
1/4096
Port latch
Buzzer output
Buzzer output ON/OFF bit
Output port control signal
Port direction register
Divider
Buzzer output control register
(BUZCON: address 0EFD16)
Output frequency selection bits (XIN = 4.19 MHz)
00 : 1 kHz (f(XIN)/4096)
01 : 2 kHz (f(XIN)/2048)
10 : 4 kHz (f(XIN)/1024)
11 : Not available
Output port selection bits
00 : P20 and P43 function as ordinary ports.
01 : P43/BUZ01 functions as a buzzer output.
10 : P20/BUZ02/FLD0 functions as a buzzer output.
11 : Not available
Buzzer output ON/OFF bit
0 : Buzzer output OFF (“0” output)
1 : Buzzer output ON
Not used (return “0” when read)
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com