công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 185 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 185 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 181Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 182Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 183Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 184Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 185Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 186Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 187Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 188Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 226 page
background image
9.3.5 Memory Types
Table 9-6 provides more information about each memory type.
Table 9-6. Memory Types
MEMORY TYPE
ECC-CAPABLE
PARITY
SECURITY
HIBERNATE
RETENTION
ACCESS
PROTECTION
M0, M1
Yes
–
–
Yes
–
D0, D1
Yes
–
Yes
–
Yes
LSx
–
Yes
Yes
–
Yes
GSx
–
Yes
–
–
Yes
CPU/CLA MSGRAM
–
Yes
Yes
–
Yes
Boot ROM
–
–
–
N/A
–
Secure ROM
–
–
Yes
N/A
–
Flash
Yes
–
Yes
N/A
N/A
User-configurable DCSM OTP
Yes
–
Yes
N/A
N/A
9.3.5.1 Dedicated RAM (Mx and Dx RAM)
The CPU subsystem has four dedicated ECC-capable RAM blocks: M0, M1, D0, and D1. M0/M1 memories are
small nonsecure blocks that are tightly coupled with the CPU (that is, only the CPU has access to them). D0/D1
memories are secure blocks and also have the access-protection feature (CPU write/CPU fetch protection).
9.3.5.2 Local Shared RAM (LSx RAM)
RAM blocks which are dedicated to each subsystem and are accessible to its CPU and CLA only, are called
local shared RAMs (LSx RAMs).
All LSx RAM blocks have parity. These memories are secure and have the access protection (CPU write/CPU
fetch) feature.
By default, these memories are dedicated to the CPU only, and the user could choose to share these memories
with the CLA by configuring the MSEL_LSx bit field in the LSxMSEL registers appropriately.
Table 9-7 shows the master access for the LSx RAM.
Table 9-7. Master Access for LSx RAM
(With Assumption That all Other Access Protections are Disabled)
MSEL_LSx
CLAPGM_LSx
CPU ALLOWED ACCESS CLA ALLOWED ACCESS
COMMENT
00
X
All
–
LSx memory is configured
as CPU dedicated RAM.
01
0
All
Data Read
Data Write
LSx memory is shared
between CPU and CLA1.
01
1
Emulation Read
Emulation Write
Fetch Only
LSx memory is CLA1
program memory.
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
185
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com