công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 106 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 106 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 102Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 103Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 104Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 105Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 106Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 107Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 108Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 109Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 226 page
background image
8.10.1.2.4 ADC Characteristics (12-Bit Single-Ended Mode)
over recommended operating conditions (unless otherwise noted)(5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC conversion cycles(1)
10.1
11 ADCCLKs
Power-up time
500
µs
Gain error
–5
±3
5
LSBs
Offset error
–4
±2
4
LSBs
Channel-to-channel gain error
±4
LSBs
Channel-to-channel offset error
±2
LSBs
ADC-to-ADC gain error
Identical VREFHI and VREFLO for all ADCs
±4
LSBs
ADC-to-ADC offset error
Identical VREFHI and VREFLO for all ADCs
±2
LSBs
DNL(2)
> –1
±0.5
1
LSBs
INL
–2
±1.0
2
LSBs
SNR(3) (10)
VREFHI = 2.5 V, fin = 100 kHz
68.8
dB
THD(3) (10)
VREFHI = 2.5 V, fin = 100 kHz
–78.4
dB
SFDR(3) (10)
VREFHI = 2.5 V, fin = 100 kHz
79.2
dB
SINAD(3) (10)
VREFHI = 2.5 V, fin = 100 kHz
68.4
dB
ENOB(3) (10)
VREFHI = 2.5 V, fin = 100 kHz,
single ADC(6), all packages
11.1
bits
VREFHI = 2.5 V, fin = 100 kHz,
synchronous ADCs(7), all packages
11.1
VREFHI = 2.5 V, fin = 100 kHz,
asynchronous ADCs(8),
100-pin PZP package
Not
supported
VREFHI = 2.5 V, fin = 100 kHz,
asynchronous ADCs(8),
176-pin PTP package
9.7
VREFHI = 2.5 V, fin = 100 kHz,
asynchronous ADCs(8),
337-ball ZWT package
10.9
PSRR
VDDA = 3.3-V DC + 200 mV
DC up to Sine at 1 kHz
60
dB
PSRR
VDDA = 3.3-V DC + 200 mV
Sine at 800 kHz
57
dB
ADC-to-ADC isolation(10) (4) (9)
VREFHI = 2.5 V, synchronous ADCs(7), all
packages
–1
1
LSBs
VREFHI = 2.5 V, asynchronous ADCs(8),
100-pin PZP package
Not
supported
VREFHI = 2.5 V, asynchronous ADCs(8),
176-pin PTP package
–9
9
VREFHI = 2.5 V, asynchronous ADCs(8),
337-ball ZWT package
–2
2
VREFHI input current
130
µA
(1)
See Section 8.10.1.2.7.
(2)
No missing codes.
(3)
AC parameters will be impacted by clock source accuracy and jitter, this should be taken into account when selecting the clock source
for the system. The clock source used for these parameters was a high-accuracy external clock fed through the PLL. The on-chip
Internal Oscillator has higher jitter than an external crystal and these parameters will degrade if it is used as a clock source.
(4)
Maximum DC code deviation due to operation of multiple ADCs simultaneously.
(5)
Typical values are measured with VREFHI = 2.5 V and VREFLO = 0 V. Minimum and Maximum values are tested or characterized with
VREFHI = 2.5 V and VREFLO = 0 V.
(6)
One ADC operating while all other ADCs are idle.
(7)
All ADCs operating with identical ADCCLK, S+H durations, triggers, and resolution.
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
106
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com