| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90PWM2 bảng dữ liệu(PDF) 252 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM2 bảng dữ liệu(HTML) 252 Page - ATMEL Corporation |
|
252 / 365 page ![]() 252 AT90PWM2/3 4317B–AVR–02/05 263. and See “Amplifier 1Control and Status register – AMP1CSR” on page 264.). This offset residue can be then subtracted in software from the measurement results. Using this kind of software based offset correction, offset on any channel can be reduced below one LSB. ADC Accuracy Definitions An n-bit single-ended ADC converts a voltage linearly between GND and V REF in 2 n steps (LSBs). The lowest code is read as 0, and the highest code is read as 2n-1. Several parameters describe the deviation from the ideal behavior: |