| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90PWM2 bảng dữ liệu(PDF) 96 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM2 bảng dữ liệu(HTML) 96 Page - ATMEL Corporation |
|
96 / 365 page ![]() 96 AT90PWM2/3 4317B–AVR–02/05 Match. To ensure symmetry around BOTTOM the OCnx value at MAX must correspond to the result of an up-counting Compare Match. • The timer starts counting from a value higher than the one in OCRnx, and for that reason misses the Compare Match and hence the OCnx change that would have happened on the way up. Timer/Counter Timing Diagrams The Timer/Counter is a synchronous design and the timer clock (clk T0) is therefore shown as a clock enable signal in the following figures. The figures include information on when interrupt flags are set. Figure 38 contains timing data for basic Timer/Counter operation. The figure shows the count sequence close to the MAX value in all modes other than phase correct PWM mode. Figure 38. Timer/Counter Timing Diagram, no Prescaling Figure 39 shows the same timing data, but with the prescaler enabled. Figure 39. Timer/Counter Timing Diagram, with Prescaler (f clk_I/O/8) Figure 40 shows the setting of OCF0B in all modes and OCF0A in all modes except CTC mode and PWM mode, where OCR0A is TOP. Figure 40. Timer/Counter Timing Diagram, Setting of OCF0x, with Prescaler (f clk_I/O/8) clk Tn (clk I/O/1) TOVn clk I/O TCNTn MAX - 1 MAX BOTTOM BOTTOM + 1 TOVn TCNTn MAX - 1 MAX BOTTOM BOTTOM + 1 clk I/O clk Tn (clk I/O/8) OCFnx OCRnx TCNTn OCRnx Value OCRnx - 1 OCRnx OCRnx + 1 OCRnx + 2 clk I/O clk Tn (clk I/O/8) |