công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD17P136ACT bảng dữ liệu(PDF) 151 Page - NEC

tên linh kiện UPD17P136ACT
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT bảng dữ liệu(HTML) 151 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 147Page - NEC UPD17P136ACT Datasheet HTML 148Page - NEC UPD17P136ACT Datasheet HTML 149Page - NEC UPD17P136ACT Datasheet HTML 150Page - NEC UPD17P136ACT Datasheet HTML 151Page - NEC UPD17P136ACT Datasheet HTML 152Page - NEC UPD17P136ACT Datasheet HTML 153Page - NEC UPD17P136ACT Datasheet HTML 154Page - NEC UPD17P136ACT Datasheet HTML 155Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 292 page
background image
CHAPTER 13 PERIPHERAL HARDWARE
132
13.3.3 Setting Values in the 8-bit Data Register (ADCR)
A value is set in the 8-bit data register via the data buffer (DBF) using the PUT instruction in the same way as for
comparison voltage setting in the single mode.
The peripheral address for the 8-bit data register (ADCR) of the A/D converter is assigned to 04H. If a value is
sent to ADCR by the PUT instruction, only the low-order 8 bits (DBF1, DBF0) of DBF are valid. DBF3 and DBF2 values
do not affect ADCR.
Figure 13-15. Setting a Value in the 8-Bit Data Register (ADCR)
Example of setting 6CH in ADCR
CONTDATL
DAT
0CH
; CONTDATL is assigned to 0CH by using a symbol definition instruction.
CONTDATH
DAT
06H
; CONTDATH is assigned to 06H by using a symbol definition instruction.
MOV
DBF0, #CONTDATL;
MOV
DBF1, #CONTDATH;
PUT
ADCR, DBF
; Data is transferred using reserved words ADCR and DBF.
DBF3
DBF2
DBF1
DBF0
01101100
b3
b2
b1
b0
b3
b2
b1
b0
b3
b2
b1
b0
b3
b2
b1
b0
Don’t care
Don’t care
01101100
b7
b6
b5
b4
b3
b2
b1
b0
PUT ADCR, DBF
Data buffer
8-bit data
ADCR (Peripheral address 04H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More