| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17P136ACT bảng dữ liệu(PDF) 108 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P136ACT bảng dữ liệu(HTML) 108 Page - NEC |
|
108 / 292 page ![]() CHAPTER 11 ARITHMETIC AND LOGIC UNIT (ALU) 89 Addition in BCD Operation result Operation result Operation result Operation result Operation Subtraction in 4-bit binary Subtraction in BCD 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 1101 1110 1111 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 1101 1110 1111 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1110 1111 1100 1101 1110 1111 1100 1101 1010 1011 1100 1101 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 –16 –15 –14 –13 –12 –11 –10 –9 –8 –7 –6 –5 –4 –3 –2 –1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 1101 1110 1111 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 1101 1110 1111 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1100 1101 1110 1111 1100 1101 1110 1111 1100 1101 1110 1111 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 CY CY CY CY Addition in 4- bit binary Operation result 11.2.4 Operations in 4-Bit Binary When the BCD flag is set to 0, arithmetic operations are performed in 4-bit binary. 11.2.5 Operations in BCD When the BCD flag is set to 1, decimal correction is performed for arithmetic operations performed in 4-bit binary. Table 11-2 shows the differences in the results of operations performed in 4-bit binary and in BCD. When the result of an addition after decimal correction is equal to or greater than 20, or the result of a subtraction after decimal correction is outside of the range –10 to +9, a value of 1010B (0AH) or higher is stored as the result (shaded area in Table 11-2). Table 11-2. Results of Arithmetic Operations Performed in 4-Bit Binary and BCD |