| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PFS172 bảng dữ liệu(PDF) 9 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PFS172 bảng dữ liệu(HTML) 9 Page - PADAUK Technology. |
|
9 / 92 page ![]() PFS172 8bit MTP MCU with 8-bit ADC ©Copyright 2020, PADAUK Technology Co. Ltd Page 9 of 92 PDK-DS-PFS172-EN_V000-May 8, 2020 2. General Description and Block Diagram The PFS172 is an MTP-based CMOS 8-bit microcontroller with 8-bit ADC. It employs RISC architecture and all the instructions are executed in one cycle except that some instructions are two cycles that handle indirect memory access. Up to 2KW MTP program memory and 128 bytes data SRAM are inside. One up to 12 channels 8-bit ADC is built inside the chip. PFS172 also provides three hardware timers: one is 16-bit timer and two are 8-bit timers which PWM generation are included. PFS172 also supports one hardware comparator. |