công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PFS172 bảng dữ liệu(PDF) 71 Page - PADAUK Technology.

tên linh kiện PFS172
Giải thích chi tiết về linh kiện  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PADAUK [PADAUK Technology.]
Trang chủ  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 bảng dữ liệu(HTML) 71 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 67Page - PADAUK Technology. PFS172 Datasheet HTML 68Page - PADAUK Technology. PFS172 Datasheet HTML 69Page - PADAUK Technology. PFS172 Datasheet HTML 70Page - PADAUK Technology. PFS172 Datasheet HTML 71Page - PADAUK Technology. PFS172 Datasheet HTML 72Page - PADAUK Technology. PFS172 Datasheet HTML 73Page - PADAUK Technology. PFS172 Datasheet HTML 74Page - PADAUK Technology. PFS172 Datasheet HTML 75Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 71 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
7. Instructions
Symbol
Symbol
ACC
Accumulator (Abbreviation of accumulator)
a
Accumulator (symbol of accumulator in program)
sp
Stack pointer
flag
ACC status flag register
I
Immediate data
&
Logical AND
|
Logical OR
←
Movement
^
Exclusive logic OR
+
Add
-
Subtraction
〜
NOT (logical complement, 1’s complement)
〒
NEG (2’s complement)
OV
Overflow (The operational result is out of range in signed 2’s complement number system)
Z
Zero (If the result of ALU operation is zero, this bit is set to 1)
C
Carry (The operational result is to have carry out for addition or to borrow carry for subtraction in
unsigned number system)
AC
Auxiliary Carry
(If there is a carry out from low nibble after the result of ALU operation, this bit is set to 1)
M.n
Only addressed in 0~0x7F (0~127) is allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92