| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PFS154 bảng dữ liệu(PDF) 34 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PFS154 bảng dữ liệu(HTML) 34 Page - PADAUK Technology. |
|
34 / 91 page ![]() PFS154 8bit MTP Type IO Controller ©Copyright 2020, PADAUK Technology Co. Ltd Page 34 of 91 PDK-DS-PFS154_CN_V105 –Jun. 9, 2020 5.6. Watchdog Timer The watchdog timer (WDT) is a counter with clock coming from ILRC. WDT can be cleared by power-on-reset or by command wdreset at any time. There are four different timeout periods of watchdog timer can be chosen by setting the misc register, it is: 8k ILRC clock period when misc[1:0]=00 (default) 16k ILRC clock period when misc[1:0]=01 64k ILRC clock period when misc[1:0]=10 256k ILRC clock period when misc[1:0]=11 The frequency of ILRC may drift a lot due to the variation of manufacture, supply voltage and temperature; user should reserve guard band for safe operation. Besides, the watchdog period will also be shorter than expected after Reset or Wakeup events. It is suggested to clear WDT by wdreset command after these events to ensure enough clock periods before WDT timeout. When WDT is timeout, PFS154 will be reset to restart the program execution. The relative timing diagram of watchdog timer is shown as Fig. 5. VDD WD Time Out Program Execution tSBP Watch Dog Time Out Sequence VDD WD Time Out Program Execution tSBP Watch Dog Time Out Sequence Fig. 5: Sequence of Watch Dog Time Out |