công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PFS154 bảng dữ liệu(PDF) 9 Page - PADAUK Technology.

tên linh kiện PFS154
Giải thích chi tiết về linh kiện  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PADAUK [PADAUK Technology.]
Trang chủ  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 bảng dữ liệu(HTML) 9 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 5Page - PADAUK Technology. PFS154 Datasheet HTML 6Page - PADAUK Technology. PFS154 Datasheet HTML 7Page - PADAUK Technology. PFS154 Datasheet HTML 8Page - PADAUK Technology. PFS154 Datasheet HTML 9Page - PADAUK Technology. PFS154 Datasheet HTML 10Page - PADAUK Technology. PFS154 Datasheet HTML 11Page - PADAUK Technology. PFS154 Datasheet HTML 12Page - PADAUK Technology. PFS154 Datasheet HTML 13Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 9 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
2. General Description and Block Diagram
The PFS154 is an IO-Type, fully static, MTP-based controller; it employs RISC architecture and most the
instructions are executed in one cycle except that few instructions are two cycles that handle indirect memory
access. 2KW MTP program memory and 128 bytes data SRAM are inside, one hardware 16-bit timer, two
hardware 8-bit timers with PWM generation (Timer2, Timer3) and Three hardware 11-bit timers with PWM
generation (PWMG0,1,2) is also included, PFS154 also supports one hardware comparator and VDD/2 bias
voltage generator for LCD display application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91