công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PFS154 bảng dữ liệu(PDF) 40 Page - PADAUK Technology.

tên linh kiện PFS154
Giải thích chi tiết về linh kiện  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PADAUK [PADAUK Technology.]
Trang chủ  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 bảng dữ liệu(HTML) 40 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 36Page - PADAUK Technology. PFS154 Datasheet HTML 37Page - PADAUK Technology. PFS154 Datasheet HTML 38Page - PADAUK Technology. PFS154 Datasheet HTML 39Page - PADAUK Technology. PFS154 Datasheet HTML 40Page - PADAUK Technology. PFS154 Datasheet HTML 41Page - PADAUK Technology. PFS154 Datasheet HTML 42Page - PADAUK Technology. PFS154 Datasheet HTML 43Page - PADAUK Technology. PFS154 Datasheet HTML 44Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 40 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
5.8.3
Wake-up
After entering the Power-Down or Power-Save modes, the PFS154 can be resumed to normal operation by
toggling IO pins. Wake-up from timer are available for Power-Save mode ONLY. Table 6 shows the
differences in wake-up sources between STOPSYS and STOPEXE.
Differences in wake-up sources between STOPSYS and STOPEXE
IO Toggle
Timer wake-up
STOPSYS
Yes
No
STOPEXE
Yes
Yes
Table 6: Differences in wake-up sources between Power-Save mode and Power-Down mode
When using the IO pins to wake-up the PFS154, registers pxdier should be properly set to enable the
wake-up function for every corresponding pin. The time for normal wake-up is about 3,000 ILRC clocks
counting from wake-up event; fast wake-up can be selected to reduce the wake-up time by misc register, and
the time for fast wake-up is about 45 ILRC clocks from IO toggling.
Suspend mode
Wake-up mode
Wake-up time (tWUP) from IO toggle
STOPEXE suspend
or
STOPSYS suspend
Fast wake-up
45 * TILRC,
Where TILRC is the time period of ILRC
STOPEXE suspend
or
STOPSYS suspend
Normal wake-up
3000 * TILRC,
Where TILRC is the clock period of ILRC
Please notice that when Code Option is set to Fast boot-up, no matter which wake-up mode is selected in
misc.5, the wake-up mode will be forced to be FAST. If Normal boot-up is selected, the wake-up mode is
determined by misc.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91