công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KSZ8893FQL bảng dữ liệu(PDF) 80 Page - Microchip Technology

tên linh kiện KSZ8893FQL
Giải thích chi tiết về linh kiện  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL bảng dữ liệu(HTML) 80 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 76Page - Microchip Technology KSZ8893FQL Datasheet HTML 77Page - Microchip Technology KSZ8893FQL Datasheet HTML 78Page - Microchip Technology KSZ8893FQL Datasheet HTML 79Page - Microchip Technology KSZ8893FQL Datasheet HTML 80Page - Microchip Technology KSZ8893FQL Datasheet HTML 81Page - Microchip Technology KSZ8893FQL Datasheet HTML 82Page - Microchip Technology KSZ8893FQL Datasheet HTML 83Page - Microchip Technology KSZ8893FQL Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 109 page
background image
 2019 Microchip Technology Inc.
DS00003038B-page 79
KSZ8893FQL
Register 103 (0x67): TOS Priority Control Register 7
7-6
DSCP[63:62]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x7C.
00
5-4
DSCP[61:60]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x78.
00
3-2
DSCP[59:58]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x74.
00
1-0
DSCP[57:56]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x70.
00
Register 104 (0x68): TOS Priority Control Register 8
7-6
DSCP[71:70]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x8C.
00
5-4
DSCP[69:68]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x88.
00
3-2
DSCP[67:66]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x84.
00
1-0
DSCP[65:64]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x80.
00
Register 105 (0x69): TOS Priority Control Register 9
7-6
DSCP[79:78]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x9C.
00
5-4
DSCP[77:76]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x98.
00
3-2
DSCP[75:74]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x94.
00
1-0
DSCP[73:72]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0x90.
00
Register 106 (0x6A): TOS Priority Control Register 10
7-6
DSCP[87:86]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0xAC.
00
5-4
DSCP[85:84]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0xA8.
00
3-2
DSCP[83:82]
R/W
The value in this field is used as the frame’s priority
when bits [7:2] of the frame’s IP TOS/DiffServ/Traffic
Class value is 0xA4.
00
TABLE 4-10:
ADVANCED CONTROL REGISTERS (REGISTERS 96-141) (CONTINUED)
Bit
Name
R/W
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com