| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KSZ8893FQL bảng dữ liệu(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ8893FQL bảng dữ liệu(HTML) 20 Page - Microchip Technology |
|
20 / 109 page ![]() FIGURE 3-2: KSZ8893FQL MC LOOPBACK PATHS OAM MC PMD/PMA PCS MAC SWITCH MAC PCS PMD/PMA Fiber Port UTP Port RX+/RX- TX+/TX- 2019 Microchip Technology Inc. DS00003038A-page 19 KSZ8893FQL 3.1.1.4 Dedicated TS-1000 Registers and Pins The KSZ8893FQL provides 32 dedicated registers to support TS-1000 OAM communication in center MC and terminal MC modes. The TS-1000 MC registers are located at 64 to 95 (0x40 to 0x5F), and provide the following functions: • PHY address configuration • Center MC and Terminal MC configuration • OAM frame selection and execution • MC loopback setup • MC loopback counters for CRC error, timeout, good packet • Remote command access • Counters for valid MC packet transmitted and received • MC (local) - status, vendor code, and model number • Link Partner (remote) - status, vendor code, and model number Table 3-3 lists the dedicated KSZ8893FQL pins used in center MC and terminal MC modes. TABLE 3-3: DEDICATED TS-1000 PINS Pin Signal Name Type Description 9 MCHS IPD Selects center MC and terminal MC modes. See “Media Converter Modes” section for details. 10 MCCS IPD |