công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KSZ8893FQL bảng dữ liệu(PDF) 52 Page - Microchip Technology

tên linh kiện KSZ8893FQL
Giải thích chi tiết về linh kiện  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL bảng dữ liệu(HTML) 52 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 48Page - Microchip Technology KSZ8893FQL Datasheet HTML 49Page - Microchip Technology KSZ8893FQL Datasheet HTML 50Page - Microchip Technology KSZ8893FQL Datasheet HTML 51Page - Microchip Technology KSZ8893FQL Datasheet HTML 52Page - Microchip Technology KSZ8893FQL Datasheet HTML 53Page - Microchip Technology KSZ8893FQL Datasheet HTML 54Page - Microchip Technology KSZ8893FQL Datasheet HTML 55Page - Microchip Technology KSZ8893FQL Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 109 page
background image
 2019 Microchip Technology Inc.
DS00003038B-page 51
KSZ8893FQL
0
Start Switch
R/W
1 = Start the chip when external pins (PS1, PS0) =
(0,1) or (1,0) or (1,1).
Note: In (PS1, PS0) = (0, 0) mode, the chip will start
automatically after trying to read the external
EEPROM. If EEPROM does not exist, the chip will
use pin strapping and default values for all internal
registers. If EEPROM is present, the contents in the
EEPROM will be checked. The switch will check: (1)
Register 0 = 0x88, (2) Register 1 bits [7:4] = 0xA. If
this check is OK, the contents in the EEPROM will
override chip registers’ default values.
0 = Chip will not start when external pins (PS1, PS0) =
(0,1) or (1,0) or (1,1).
1
Register 2 (0x02): Global Control 0
7
New Back-Off
Enable
R/W
New back-off algorithm designed for UNH
1 = Enable
0 = Disable
0
6-4
Reserved
RO
Reserved, Do not change the default value
100
3
Pass Flow Control
Packet
R/W
1 = Switch will pass 802.1x flow control packets
0 = Switch will drop 802.1x flow control packets
0
2
Reserved
R/W
Reserved
Do not change the default value.
1
1
Reserved
R/W
Reserved
Do not change the default value.
0
0
Link Change Age
R/W
Link change from “link” to “no link” will cause fast
aging (<800 μs) to age address table faster. After an
age cycle is complete, the age logic will return to nor-
mal aging (about 200 sec).
1 = Enable
0 = Disable
Note: If any port is unplugged, all addresses will be
automatically aged out.
0
Register 3 (0x03): Global Control 1
7
Pass All Frames
R/W
1 = Switch all packets including bad ones. Used solely
for debugging purposes. Works in conjunction with
sniffer mode only.
0
6
Reserved
R/W
Reserved
Do not change the default value.
0
5
IEEE 802.3x
Transmit Direction
Flow Control Enable
R/W
1 = Will enable transmit direction flow control feature.
0 = Will not enable transmit direction flow control fea-
ture. Switch will not generate any flow control
(PAUSE) frame.
1
4
IEEE 802.3x
Receive Direction
Flow Control Enable
R/W
1 = Will enable receive direction flow control feature.
0 = Will not enable receive direction flow control fea-
ture. Switch will not react to any flow control (PAUSE)
frame it receives.
1
3
Frame Length Field
Check
R/W
1 = Will check frame length field in the IEEE packets.
If the actual length does not match, the packet will be
dropped (for Length/Type field < 1500).
0 = Will not check
0
TABLE 4-7:
GLOBAL REGISTERS (0-15) (CONTINUED)
Bit
Name
R/W
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com