công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KSZ8893FQL bảng dữ liệu(PDF) 76 Page - Microchip Technology

tên linh kiện KSZ8893FQL
Giải thích chi tiết về linh kiện  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL bảng dữ liệu(HTML) 76 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 72Page - Microchip Technology KSZ8893FQL Datasheet HTML 73Page - Microchip Technology KSZ8893FQL Datasheet HTML 74Page - Microchip Technology KSZ8893FQL Datasheet HTML 75Page - Microchip Technology KSZ8893FQL Datasheet HTML 76Page - Microchip Technology KSZ8893FQL Datasheet HTML 77Page - Microchip Technology KSZ8893FQL Datasheet HTML 78Page - Microchip Technology KSZ8893FQL Datasheet HTML 79Page - Microchip Technology KSZ8893FQL Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 109 page
background image
 2019 Microchip Technology Inc.
DS00003038B-page 75
KSZ8893FQL
1
S1
RO
SD disable
1 = Abnormal (no optical signal detected)
0 = Normal (optical signal detected)
FXSD1 pin
value is polled.
0
S0
RO
Power down
1 = Power down
0 = Normal operation
Inverse of PDD#
pin value
PDD# (IPU)
Register 81 (0x51): My Status 2
7-4
S15-S12
RO
Reserved
Do not change the default values.
0x0
3
S11
R/W
For Terminal MC mode, this bit must always be “0”.
For Center MC mode, this bit indicates the number of
physical interface(s) making up the UTP link
0 = One
1 = Greater than one
0
2
S10
RO
For Terminal MC mode, this bit indicates the auto
negotiation capability, and is the same value as bit [5]
of register 67.
1 = Auto-negotiation is supported
0 = Auto-negotiation is not supported
For Center MC mode, this bit must always be “0”.
P2ANEN pin
value
(Terminal MC)
--------------------
0
(Center MC)
1
S9
RO
For Terminal MC mode, this bit indicates the UTP
port’s DUPLEX status.
1 = Full-Duplex
0 = Half-Duplex, or Register 0x50h bit[2] is “1” (UTP
link is down)
For Center MC mode, this bit is always “0”.
0
0
S8
RO
For Terminal MC mode, this bit indicates the UTP
port’s SPEED status.
1 = 100 Mbps
0 = 10 Mbps, or Register 0x50h bit[2] is “1” (UTP link
is down)
For Center MC mode, this bit is always “0”.
0
Register 82 (0x52): My Vendor Info (1)
7-0
MM7-MM0
R/W
—
0x00
Register 83 (0x53): My Vendor Info (2)
7-0
MM15-MM8
R/W
—
0x00
Register 84 (0x54): My Vendor Info (3)
7-0
MM23-MM16
R/W
—
0x00
Register 85 (0x55): My Model Info (1)
7-0
MM31-MM24
R/W
Note: If Remote Command feature is used, this regis-
ter value cannot be set to 0x22, 0x26, 0x2A, 0x2E,
and 0x66. All other values are valid.
0x00
Register 86 (0x56): My Model Info (2)
7-0
MM39-MM32
R/W
—
0x00
Register 87 (0x57): My Model Info (3)
7-0
MM47-MM40
R/W
—
0x00
TABLE 4-9:
TS-1000 MEDIA CONVERTER REGISTERS (CONTINUED)
Bit
Name
R/W
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com