công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KSZ8893FQL bảng dữ liệu(PDF) 29 Page - Microchip Technology

tên linh kiện KSZ8893FQL
Giải thích chi tiết về linh kiện  Single-Chip 3-Port Switch with Fiber Support
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893FQL bảng dữ liệu(HTML) 29 Page - Microchip Technology

Back Button KSZ8893FQL Datasheet HTML 25Page - Microchip Technology KSZ8893FQL Datasheet HTML 26Page - Microchip Technology KSZ8893FQL Datasheet HTML 27Page - Microchip Technology KSZ8893FQL Datasheet HTML 28Page - Microchip Technology KSZ8893FQL Datasheet HTML 29Page - Microchip Technology KSZ8893FQL Datasheet HTML 30Page - Microchip Technology KSZ8893FQL Datasheet HTML 31Page - Microchip Technology KSZ8893FQL Datasheet HTML 32Page - Microchip Technology KSZ8893FQL Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 109 page
background image
FIGURE 3-7:
DESTINATION ADDRESS RESOLUTION FLOW CHART, STAGE 2
Spanning Tree
Process
PTF1
IGMP Process
Port Mirror
Process
Port VLAN
Membership
Check
PTF2
- Check receiving port's receive enable bit
- Check destination port's transmit enable bit
- Check whether packets are special (BPDU
or specified)
- RX Mirror
- TX Mirror
- RX or TX Mirror
- RX and TX Mirror
- Applied to MAC #1 and MAC #2
- MAC #3 is reserved for
microprocessor
- IGMP will be forwarded to port 3
KSZ8893FQL
DS00003038A-page 28
 2019 Microchip Technology Inc.
The KSZ8893FQL will not forward the following packets:
1.
Error packets: These include framing errors, Frame Check Sequence (FCS) errors, alignment errors, and illegal
size packet errors.
2.
IEEE802.3x PAUSE frames: KSZ8893FQL intercepts these packets and performs full-duplex flow control accord-
ingly.
3.
"Local" packets: Based on destination address (DA) lookup. If the destination port from the lookup table matches
the port from which the packet originated, the packet is defined as local.
3.3.6
SWITCHING ENGINE
The KSZ8893FQL features a high-performance switching engine to move data to and from the MAC’s packet buffers.
It operates in store and forward mode, while the efficient switching mechanism reduces overall latency.
The switching engine has a 32 kB internal frame buffer. This buffer pool is shared between all three ports. There are a
total of 256 buffers available. Each buffer is sized at 128 bytes.
3.3.7
MAC OPERATION
The KSZ8893FQL strictly abides by IEEE 802.3 standards to maximize compatibility.
3.3.7.1
Inter Packet Gap (IPG)
If a frame is successfully transmitted, the 96 bits time IPG is measured between the two consecutive MTXEN. If the
current packet is experiencing collision, the 96 bits time IPG is measured from MCRS and the next MTXEN.
3.3.7.2
Back-Off Algorithm
The KSZ8893FQL implements the IEEE 802.3 standard for the binary exponential back-off algorithm, and optional
"aggressive mode" back-off. After 16 collisions, the packet is optionally dropped depending on the switch configuration
for register 4 (0x04) bit [3].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com