| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2145 bảng dữ liệu(PDF) 340 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 bảng dữ liệu(HTML) 340 Page - Renesas Technology Corp |
|
340 / 829 page ![]() Rev. 2.0, 08/02, page 300 of 788 13.3.1 Timer Connection Register I (TCONRI) TCONRI controls connection between timers, the signal source for synchronization signal input, phase inversion, etc. Bit Bit Name Initial Value R/W Description 7 6 SIMOD1 SIMOD0 0 0 R/W R/W Input Synchronization Mode Select 1, 0 These bits select the signal source of the IHI and IVI signals. • Mode 00: No signal 01: S-on-G mode 10: Composite mode 11: Separate mode • IHI Signal 00: HFBACKI input 01: CSYNCI input 1X: HSYNCI input • IVI Signal 00: VFBACKI input 01: PDC input 10: PDC input 11: VSYNCI input 5 SCONE 0 R/W Synchronization Signal Connection Enable Selects the signal source of the FRT FTI input and the TMR_1 TMI1 input and TMCI1/TMRI1 input. For details, see table 13.2. |