| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2145 bảng dữ liệu(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 bảng dữ liệu(HTML) 43 Page - Renesas Technology Corp |
|
43 / 829 page ![]() Rev. 2.0, 08/02, page 3 of 788 1.2 Block Diagram H8S/2000 CPU DTC Interrup controller WDT × 2 channels ROM (Flash memory) RAM 8-bit PWM 16-bit FRT 8-bit timer × 4 channels Timer connection 14-bit PWM Host interfaces (LPC*, XBS) 10-bit A/D converter 8-bit D/A converter SCI × 3 channels (IrDA × 1 channel) IIC × 2 channels P17/A7/PW7 P16/A6/PW6 P15/A5/PW5 P14/A4/PW4 P13/A3/PW3 P12/A2/PW2 P11/A1/PW1 P10/A0/PW0 P27/A15/PW15/CBLANK P26/A14/PW14 P25/A13/PW13 P24/A12/PW12 P23/A11/PW11 P22/A10/PW10 P21/A9/PW9 P20/A8/PW8 PA7/A23/ /CIN15/PS2CD PA6/A22/ /CIN14/PS2CC PA5/A21/ /CIN13/PS2BD PA4/A20/ /CIN12/PS2BC PA3/A19/ /CIN11/PS2AD PA2/A18/ /CIN10/PS2AC PA1/A17/ /CIN9 PA0/A16/ /CIN8 P37/D15/HDB7/SERIRQ* P36/D14/HDB6/LCLK* P35/D13/HDB5/ * P34/D12/HDB4/ * P33/D11/HDB3/LAD3* P32/D10/HDB2/LAD2* P31/D9/HDB1/LAD1* P30/D8/HDB0/LAD0* PB7/D7/ * PB6/D6/ * PB5/D5/ * PB4/D4/ * PB3/D3/ */ PB2/D2/ */ PB1/D1/ */HIRQ4/LSCI* PB0/D0/ */HIRQ3/ * P97/ /SDA0 P96/ø/EXCL P95/ / / P94/ / P93/ / P92/ P91/ P90/ / / / P67/TMOX/CIN7/ / P66/FTOB/CIN6/ / P65/FTID/CIN5/ P64/FTIC/CIN4/ /CLAMPO P63/FTIB/CIN3/ /VFBACKI P62/FTIA/CIN2/ /VSYNCI/TMIY P61/FTOA/CIN1/ /VSYNCO P60/FTCI/CIN0/ /HFBACKI/TMIX P47/PWX1 P46/PWX0 P45/TMRI1/HIRQ12/CSYNCI P44/TMO1/HIRQ1/HSYNCO P43/TMCI1/HIRQ11/HSYNCI P42/TMRI0/SCK2/SDA1 P41/TMO0/RxD2/IrRxD P40/TMCI0/TxD2/IrTxD P52/SCK0/SCL0 P51/RxD0 P50/TxD0 XTAL EXTAL VCCB MD1 MD0 NMI Port 8 Port 7 Note:* The LPC function and the pin function are not supported by the H8S/2148B. Keyboard buffer controller × 3 channels Figure 1.1 Internal Block Diagram of H8S/2140B, H8S/2141B, H8S/2145B, and H8S/2148B |