công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F2145 bảng dữ liệu(PDF) 81 Page - Renesas Technology Corp

tên linh kiện HD64F2145
Giải thích chi tiết về linh kiện  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 bảng dữ liệu(HTML) 81 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 77Page - Renesas Technology Corp HD64F2145 Datasheet HTML 78Page - Renesas Technology Corp HD64F2145 Datasheet HTML 79Page - Renesas Technology Corp HD64F2145 Datasheet HTML 80Page - Renesas Technology Corp HD64F2145 Datasheet HTML 81Page - Renesas Technology Corp HD64F2145 Datasheet HTML 82Page - Renesas Technology Corp HD64F2145 Datasheet HTML 83Page - Renesas Technology Corp HD64F2145 Datasheet HTML 84Page - Renesas Technology Corp HD64F2145 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 829 page
background image
Rev. 2.0, 08/02, page 41 of 788
2.6
Instruction Set
The H8S/2000 CPU has 65 types of instructions. The instructions are classified by function as
shown in table 2.1.
Table 2.1
Instruction Classification
Function
Instructions
Size
Types
MOV
B/W/L
POP*
1, PUSH*1
W/L
LDM*
5, STM*5
L
Data transfer
MOVFPE*
3, MOVTPE*3
B
5
ADD, SUB, CMP, NEG
B/W/L
ADDX, SUBX, DAA, DAS
B
INC, DEC
B/W/L
ADDS, SUBS
L
MULXU, DIVXU, MULXS, DIVXS
B/W
EXTU, EXTS
W/L
Arithmetic
operations
TAS*
4
B
19
Logic operations
AND, OR, XOR, NOT
B/W/L
4
Shift
SHAL, SHAR, SHLL, SHLR, ROTL, ROTR, ROTXL,
ROTXR
B/W/L
8
Bit manipulation
BSET, BCLR, BNOT, BTST, BLD, BILD, BST, BIST, BAND,
BIAND, BOR, BIOR, BXOR, BIXOR
B14
Branch
B
CC*
2, JMP, BSR, JSR, RTS
—
5
System control
TRAPA, RTE, SLEEP, LDC, STC, ANDC, ORC, XORC,
NOP
—9
Block data transfer EEPMOV
—
1
Total: 65
Notes: B: Byte size; W: Word size; L: Longword size.
1. POP.W Rn and PUSH.W Rn are identical to MOV.W @SP+, Rn and MOV.W Rn, @-
SP. POP.L ERn and PUSH.L ERn are identical to MOV.L @SP+, ERn and MOV.L ERn,
@-SP.
2. B
CC is the general name for conditional branch instructions.
3. Cannot be used in this LSI.
4. When using the TAS instruction, use registers ER0, ER1, ER4, and ER5.
5. ER7 is not used as the register that can be saved (STM)/restored (LDM) when using
STM/LDM instruction, because ER7 is the stack pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com